Electronic Components Datasheet Search
  English  ▼

X  

VT16374ADL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # VT16374ADL
Description  3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VT16374ADL Datasheet(HTML) 5 Page - NXP Semiconductors

  VT16374ADL Datasheet HTML 1Page - NXP Semiconductors VT16374ADL Datasheet HTML 2Page - NXP Semiconductors VT16374ADL Datasheet HTML 3Page - NXP Semiconductors VT16374ADL Datasheet HTML 4Page - NXP Semiconductors VT16374ADL Datasheet HTML 5Page - NXP Semiconductors VT16374ADL Datasheet HTML 6Page - NXP Semiconductors VT16374ADL Datasheet HTML 7Page - NXP Semiconductors VT16374ADL Datasheet HTML 8Page - NXP Semiconductors VT16374ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVT16374A
3.3V 16-bit edge-triggered D-type flip-flop
(3-State)
1999 Oct 18
5
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
2.7
3.6
V
VI
Input voltage
0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Input voltage
0.8
V
IOH
High-level output current
-32
mA
IOL
Low-level output current
32
mA
IOL
Low-level output current; current duty cycle
≤ 50%; f ≥ 1kHz
64
mA
∆t/∆v
Input transition rise or fall rate; Outputs enabled
10
ns/V
Tamb
Operating free-air temperature range
-40
+85
°C
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.7V; IIK = -18mA
–.85
-1.2
V
VCC = 2.7 to 3.6V; IOH = -100µA
VCC-0.2
VCC
VOH
High-level output voltage
VCC = 2.7V; IOH = -8mA
2.4
2.5
V
VCC = 3.0V; IOH = -32mA
2.0
2.3
VCC = 2.7V; IOL = 100µA
0.07
0.2
VCC = 2.7V; IOL = 24mA
0.3
0.5
VOL
Low-level output voltage
VCC = 3.0V; IOL = 16mA
0.25
0.4
V
VCC = 3.0V; IOL = 32mA
0.3
0.5
VCC = 3.0V; IOL = 64mA
0.4
0.55
VRST
Power-up output Low voltage5
VCC = 3.6V; IO = 1mA; VI = GND or VCC
0.1
0.55
V
VCC = 3.6V; VI = VCC or GND
Control pins
0.1
±1
II
Input leakage current
VCC = 0 or 3.6V; VI = 5.5V
0.4
10
µA
II
In ut leakage current
VCC = 3.6V; VI = VCC
Data pins4
0.1
1
µA
VCC = 3.6V; VI = 0
Data ins4
-0.4
-5
IOFF
Output off current
VCC = 0V; VI or VO = 0 to 4.5V
0.1
±100
µA
7
VCC = 3V; VI = 0.8V
75
135
IHOLD
Bus Hold current D inputs7
VCC = 3V; VI = 2.0V
-75
-135
µA
VCC = 0V to 3.6V; VCC = 3.6V
±500
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 3.0V
50
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC;
OE/OE = Don’t care
1
±100
µA
IOZH
3-State output High current
VCC = 3.6V; VO = 3.0V; VI = VIH or VIL
0.5
5
µA
IOZL
3-State output Low current
VCC = 3.6V; VO = 0.5V; VI = VIH or VIL
0.5
-5
µA
ICCH
VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0
0.07
0.12
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0
4
6
mA
ICCZ
VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 06
0.07
0.12
∆ICC
Additional supply current per
input pin2
VCC = 3V to 3.6V; One input at VCC-0.6V,
Other inputs at VCC or GND
0.1
0.2
mA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 0.3V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. For valid test results, data must not be loaded into the flip-flops (or latches) after applying power.
6. ICCZ is measured with outputs pulled to VCC or GND.
7. This is the bus hold overdrive current required to force the input to the opposite logic state.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com