Electronic Components Datasheet Search
  English  ▼

X  

BSP62 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BSP62
Description  PNP Darlington transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP62 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BSP62 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Nexperia
BSP62
PNP Darlington transistor
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
-90
V
VCES
collector-emitter voltage base short-circuited to emitter
-
-80
V
VEBO
emitter-base voltage
open collector
-
-5
V
IC
collector current
-
-1
A
ICM
peak collector current
-
-2
A
IBlim
limiting base current
-
-100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
1.25
W
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for collector 1 cm2.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
[1]
-
-
98
K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
-
-
17
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for collector 1 cm2.
BSP62
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
2 May 2018
3 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com