Electronic Components Datasheet Search
  English  ▼

X  

BSP62 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BSP62
Description  PNP Darlington transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP62 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BSP62 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP62 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BSP62
PNP Darlington transistor
2 May 2018
Product data sheet
1. General description
PNP Darlington transistor in an SOT223 plastic package.
NPN complement: BSP52
2. Features and benefits
• High current of -1 A
• Low voltage of -80 V
• Integrated diode and resistor
• AEC-Q101 qualified
3. Applications
• Industrial switching applications such as:
- Print hammer
- Solenoid
- Relay and lamp drivers
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCBO
collector-base voltage open emitter
-
-
-90
V
VCES
collector-emitter
voltage
base short-circuited to emitter
-
-
-80
V
IC
collector current
-
-
-1
A
ICM
peak collector current
-
-
-2
A
hFE
DC current gain
VCE = -10 V; IC = -150 mA
[1]
1000
-
-
[1] Pulse test: tp ≤ 300 μs; δ ≤ 0.02


Similar Part No. - BSP62

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP62 PHILIPS-BSP62 Datasheet
62Kb / 8P
PNP Darlington transistors
1999 Apr 29
logo
Siemens Semiconductor G...
BSP62 SIEMENS-BSP62 Datasheet
153Kb / 5P
PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BSP62 INFINEON-BSP62 Datasheet
78Kb / 5P
PNP Silicon Darlington Transistors
Nov-30-2001
logo
NXP Semiconductors
BSP62 NXP-BSP62 Datasheet
126Kb / 7P
PNP Darlington transistors
2001 May 31
logo
Infineon Technologies A...
BSP62 INFINEON-BSP62 Datasheet
103Kb / 7P
PNP Silicon Darlington Transistor
2007-04-26
More results

Similar Description - BSP62

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
PNP Darlington transistor
1999 Apr 23
BC878 PHILIPS-BC878 Datasheet
50Kb / 8P
PNP Darlington transistor
1999 May 31
BSR62 PHILIPS-BSR62 Datasheet
47Kb / 8P
PNP Darlington transistor
1999 Apr 26
PMBTA64 PHILIPS-PMBTA64 Datasheet
43Kb / 8P
PNP Darlington transistor
1999 Apr 13
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
PNP (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
BCV26 FAIRCHILD-BCV26 Datasheet
36Kb / 4P
PNP Darlington Transistor
MPSA65 FAIRCHILD-MPSA65 Datasheet
29Kb / 2P
PNP Darlington Transistor
logo
NXP Semiconductors
BSR62 NXP-BSR62 Datasheet
119Kb / 7P
PNP Darlington transistor
2004 Nov 11
logo
Fairchild Semiconductor
BC516_D27Z FAIRCHILD-BC516_D27Z Datasheet
31Kb / 4P
PNP Darlington Transistor
logo
Jiangsu Changjiang Elec...
TIP147 JIANGSU-TIP147 Datasheet
957Kb / 3P
Darlington Transistor (PNP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com