Electronic Components Datasheet Search
  English  ▼

X  

LX7165 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX7165
Description  3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7165 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX7165 Datasheet HTML 1Page - Microsemi Corporation LX7165 Datasheet HTML 2Page - Microsemi Corporation LX7165 Datasheet HTML 3Page - Microsemi Corporation LX7165 Datasheet HTML 4Page - Microsemi Corporation LX7165 Datasheet HTML 5Page - Microsemi Corporation LX7165 Datasheet HTML 6Page - Microsemi Corporation LX7165 Datasheet HTML 7Page - Microsemi Corporation LX7165 Datasheet HTML 8Page - Microsemi Corporation LX7165 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Copyright © 2016
Microsemi
Page 1
Rev. 1.2, 09/192016
Analog Mixed Signal Group
One Enterprise Aliso Viejo, CA 92656 USA, 1-800-713-4113, 949-380-6100, fax 949-215-4996
LX7165
3V to 5.5V, 5A Constant Frequency Hysteretic 
Synchronous Buck Regulator with I
2C 
Production Datasheet
 
Description 
 
The LX7165 is a digitally controlled step‐down regulator 
IC with an integrated 40mΩ high‐side P‐channel 
MOSFET and a 14mΩ low‐side N‐channel MOSFET.  It 
features Microsemi’s proprietary constant‐frequency 
hysteretic control engine for near‐instantaneous 
correction to line/load transients.  It does not require 
high‐ESR output capacitors and incorporates energy‐
saving “PSM” (Power Save or Pulse Skip Mode) at light 
loads, to extend battery life in mobile applications. 
The LX7165 has an I
2C serial interface port for output 
voltage margining and monitoring if required (it can 
also operate in default mode).  In addition it includes 
robust fault monitoring functions.  
The LX7165 will operate from 3V to 5.5V, and is  readily 
available in 4 fixed output voltage options: 0.8, 0.9V, 
0.95V, and 0.97V (no voltage divider is necessary).  After 
start up, the reference voltage can be adjusted with I2C 
with a resolution 4.7mV between 0.6V and  1.2V. The 
output voltage can also be adjusted with an external 
voltage divider up to 3.3V. 
 
Features 
 
 Constant Frequency Hysteretic Control 
 Extremely Fast Line/Load Transient Response 
 I2C for Output Adjustment (3.4Mbps) 
 1.875 MHz Switching Frequency 
 Extremely Low‐R
DSON MOSFETS  
 Input Voltage Rail 3.3V to 5V 
 Greater than 5A Output Current  
 I2C Selectable Power Save Mode for Light‐Load 
Efficiency  
 UVLO, OVP, OCP  
 0°C to +85°C Ambient Temperature 
 Available in WLCSP‐20 (0.4mm pitch)  
 RoHS Compliant 
 
Applications 
 High Performance HDD  
 Notebooks/Netbooks/Tablets/Slates  
Figure 1: Typical 5V to 1.8V at 5A schematic with or without I
2C implemented


Similar Part No. - LX7165

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7167 MICROSEMI-LX7167 Datasheet
580Kb / 12P
3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
LX7167CLD MICROSEMI-LX7167CLD Datasheet
580Kb / 12P
3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
LX7167CLD-TR MICROSEMI-LX7167CLD-TR Datasheet
580Kb / 12P
3MHz, 2.4A Step Down Converter
Aug 2013 Rev. 1.1
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
3A Step-Down Converter
Rev. 1.1
LX7169CLD MICROSEMI-LX7169CLD Datasheet
511Kb / 9P
3A Step-Down Converter
Rev. 1.1
More results

Similar Description - LX7165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5615 TI-TPS5615 Datasheet
387Kb / 25P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
National Semiconductor ...
LM20145 NSC-LM20145 Datasheet
692Kb / 22P
5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20145 NSC-LM20145_08 Datasheet
692Kb / 22P
5A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
5A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
5A Adjustable Frequency Synchronous Buck Regulator
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
5A Adjustable Frequency Synchronous Buck Regulator
logo
Kinetic Technologies.
KTB8371 KINETIC-KTB8371 Datasheet
1Mb / 21P
4.7V to 17V Input, 5A Synchronous Buck Regulator with I2C Interface
January 2021 - Revision 04a
logo
Renesas Technology Corp
RAA808015A RENESAS-RAA808015A Datasheet
1Mb / 25P
2.7V to 5.5V Input, 5A Synchronous Buck Regulators
Mar 2, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com