Electronic Components Datasheet Search
  English  ▼

X  

LX7165 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # LX7165
Description  3V to 5.5V, 5A Constant Frequency Hysteretic Synchronous Buck Regulator with I2C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7165 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button LX7165 Datasheet HTML 6Page - Microsemi Corporation LX7165 Datasheet HTML 7Page - Microsemi Corporation LX7165 Datasheet HTML 8Page - Microsemi Corporation LX7165 Datasheet HTML 9Page - Microsemi Corporation LX7165 Datasheet HTML 10Page - Microsemi Corporation LX7165 Datasheet HTML 11Page - Microsemi Corporation LX7165 Datasheet HTML 12Page - Microsemi Corporation LX7165 Datasheet HTML 13Page - Microsemi Corporation LX7165 Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Copyright © 2016
Microsemi
Page 10
Rev. 1.2, 09/192016
Analog Mixed Signal Group
One Enterprise Aliso Viejo, CA 92656 USA, 1-800-713-4113, 949-380-6100, fax 949-215-4996
LX7165
3V to 5.5V, 5A Constant Frequency Hysteretic 
Synchronous Buck Regulator with I
2C 
Production Datasheet
 
Layout Recommendations 
 
The LX7165 EVAL Board is a 4‐layer board, the thickness of the board  is 63mil in total. The second layer to 
top layer is 7mil, the third layer to the bottom layer is 7mil. The recommended BGA PCB layout shown below 
requires no microvias or blind vias.  Each signal trace can exit the LX7165 directly without any vias under the 
device.  Also, with the bypass capacitors C2, C3 and C8 implemented as shown it can lower the ESL.  Please 
see LX7165 User Guide for additional details. 
 
 
Figure 6: Layout recommendation (TOP layer) 
 
 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com