Electronic Components Datasheet Search
  English  ▼

X  

MAX9451 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MAX9451
Description  High-Precision Clock Generators with Integrated VCXO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MAX9451 Datasheet(HTML) 2 Page - Microsemi Corporation

  MAX9451 Datasheet HTML 1Page - Microsemi Corporation MAX9451 Datasheet HTML 2Page - Microsemi Corporation MAX9451 Datasheet HTML 3Page - Microsemi Corporation MAX9451 Datasheet HTML 4Page - Microsemi Corporation MAX9451 Datasheet HTML 5Page - Microsemi Corporation MAX9451 Datasheet HTML 6Page - Microsemi Corporation MAX9451 Datasheet HTML 7Page - Microsemi Corporation MAX9451 Datasheet HTML 8Page - Microsemi Corporation MAX9451 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
High-Precision Clock Generators
with Integrated VCXO
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VDDA = VDD = VDDQ = 2.4V to 3.6V, and VDDQ = 1.4V to 1.6V for MAX9451, TA = -40°C to +85°C. Typical values at VDDA = VDD =
VDDQ = 3.3V, and VDDQ = 1.5V for MAX9451, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ...........................................................-0.3V to +4.0V
VDDA to GNDA ......................................................-0.3V to +4.0V
All Other Pins to GND ...................................-0.3V to VDD + 0.3V
Short-Circuit Duration (all pins) ..................................Continuous
Continuous Power Dissipation (TA = +85°C)
32-Pin TQFP (derate 27.8mW/°C above +70°C)........2222mW
Storage Temperature Range .............................-65°C to +165°C
Maximum Junction Temperature .....................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
Lead Temperature (soldering, 10s) .................................+300°C
ESD Protection
Human Body Model (RD = 1.5k
Ω, CS = 100pF) ..............±2kV
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVCMOS INPUT (SEL_,
CMON, OE, MR)
Input High Level
VIH1
2.0
VDD
V
Input Low Level
VIL1
0
0.8
V
Input Current
IIN1
VIN = 0V to VDD
-50
+50
µA
LVCMOS OUTPUT (INT,
LOCK)
Output High Level
VOH1
IOH1 = -4mA
VDD
- 0.4
V
Output Low Level
VOL1
IOL1 = 4mA
0.4
V
THREE-LEVEL INPUT (AD0, AD1)
Input High Level
VIH2
1.8
V
Input Low Level
VIL2
0.8
V
Input Open Level
VIO2
Measured at the opened inputs
1.05
1.35
V
Input Current
IIL2, IIH2
VIL2 = 0V or VIH2 = VDD
-15
+15
µA
DIFFERENTIAL INPUTS (IN0, IN1)
Differential Input High Threshold
VIDH
VID = VIN+ - VIN-
50
mV
Differential Input Low Threshold
VIDL
VID = VIN+ - VIN-
-50
mV
Common-Mode Input-Voltage Range
VCOM
VID = VIN+ - VIN-
|VID / 2|
2.4
- |VID / 2|
V
Input Current
IIN+, IIN-
-1
+1
µA
MAX9450 OUTPUTS (CLK0, CLK1) (LVPECL)
Output High Voltage
VOH2
50
Ω load connected to VDDQ - 2.0V
VDDQ
- 1.42
VDDQ
- 1.00
V
Output Low Voltage
VOL2
50
Ω load connected to VDDQ - 2.0V
VDDQ
- 2.15
VDDQ
- 1.70
V
MAX9451 OUTPUTS (CLK0, CLK1) (differential HSTL)
Output High-Level Voltage
VOH3
With 50
Ω load resistor to GND, Figure 1
VDDQ
- 0.4V
VDDQ
V
Output Low-Level Voltage
VOL3
With 50
Ω to GND and 16mA sink current
0.4
V
MAX9452 OUTPUTS (CLK0, CLK1) (LVDS)
Differential Output Voltage
VOD
With a total 100
Ω load, Figure 1
300
370
450
mV
Change in VOD Between
Complementary Output States
ΔVOD
10
35
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com