Electronic Components Datasheet Search
  English  ▼

X  

MAX9451 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # MAX9451
Description  High-Precision Clock Generators with Integrated VCXO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MAX9451 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button MAX9451 Datasheet HTML 9Page - Microsemi Corporation MAX9451 Datasheet HTML 10Page - Microsemi Corporation MAX9451 Datasheet HTML 11Page - Microsemi Corporation MAX9451 Datasheet HTML 12Page - Microsemi Corporation MAX9451 Datasheet HTML 13Page - Microsemi Corporation MAX9451 Datasheet HTML 14Page - Microsemi Corporation MAX9451 Datasheet HTML 15Page - Microsemi Corporation MAX9451 Datasheet HTML 16Page - Microsemi Corporation MAX9451 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
High-Precision Clock Generators
with Integrated VCXO
______________________________________________________________________________________
13
AD0
AD1
ADDRESS
Low
Low
1101000
Low
Open
1101001
Low
High
1101010
Open
Low
1101011
Open
Open
1101100
Open
High
1101101
High
Low
1101110
High
Open
1101111
High
High
Convert to SPI
Table 3. I2C Address Setting by AD0 and AD1
REGISTER NAME
REGISTER ADDRESS
FUNCTION
CR0
00000000
P divider
CR1
00000001
M divider byte 1
CR2
00000010
M divider byte 2
CR3
00000011
N1 divider
CR4
00000100
N2 divider
CR5
00000101
Control
CR6
00000110
Control
CR7
00000111
Status
CR8
00001000
Reserved
Table 4. I2C and SPI Register Address*
CR0
DIVIDING RATE FOR P
0000-0000
1
0000-0001
2
——
1111-1110
255
1111-1111
256
Table 5. Dividing Rate Setting for P Divider
CR1
CR2[7:1]*
DIVIDING VALUE OF M
0000-0000
0000-000
1
0000-0000
0000-001
2
——
—
1111-1111
0011-110
8191
1111-1111
0011-111
8192
1111-1111
1111-111
32,768
Table 6. Dividing Rate Setting for M Divider
*When the SPI port is activated, the first address bit on the left
is omitted and the remaining 7 bits are used. The LSB is the
first bit on the right.
*The last 5 LSBs of CR3[4:0] and CR4[4:0] are reserved.
*CR2[0], the last LSB, is reserved.
CR3*
DIVIDING
VALUE OF N0
CR4*
DIVIDING
VALUE OF N1
000XXXXX
1
000XXXXX
1
001XXXXX
2
001XXXXX
2
010XXXXX
3
010XXXXX
3
011XXXXX
4
011XXXXX
4
100XXXXX
5
100XXXXX
5
101XXXXX
6
101XXXXX
6
110XXXXX
8
110XXXXX
8
111XXXXX
16
111XXXXX
16
Table 7. Dividing Rate Setting for N0 and
N1 Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com