Electronic Components Datasheet Search
  English  ▼

X  

MAX9452 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MAX9452
Description  High-Precision Clock Generators with Integrated VCXO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MAX9452 Datasheet(HTML) 3 Page - Microsemi Corporation

  MAX9452 Datasheet HTML 1Page - Microsemi Corporation MAX9452 Datasheet HTML 2Page - Microsemi Corporation MAX9452 Datasheet HTML 3Page - Microsemi Corporation MAX9452 Datasheet HTML 4Page - Microsemi Corporation MAX9452 Datasheet HTML 5Page - Microsemi Corporation MAX9452 Datasheet HTML 6Page - Microsemi Corporation MAX9452 Datasheet HTML 7Page - Microsemi Corporation MAX9452 Datasheet HTML 8Page - Microsemi Corporation MAX9452 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
High-Precision Clock Generators
with Integrated VCXO
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VDDA = VDD = VDDQ = 2.4V to 3.6V, and VDDQ = 1.4V to 1.6V for MAX9451, TA = -40°C to +85°C. Typical values at VDDA = VDD =
VDDQ = 3.3V, and VDDQ = 1.5V for MAX9451, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Offset Voltage
VOS
1.05
1.2
1.35
V
Change in VOS Between
Complementary Output States
ΔVOS
10
35
mV
Output Short-Circuit Current
IOS
Two output pins connected to GND
-7.5
-15
mA
SERIAL INTERFACE INPUT, OUTPUT (SCL, SDA,
CS)
Input High Level
VIH
0.7
x VDD
V
Input Low Level
VIL
0.3
x VDD
V
Input Leakage Current
IIL
-1
+1
µA
Output Low Level
VOL
3mA sink current
0.4
V
Input Capacitance
CI
10
pF
POWER CONSUMPTION
MAX9450
55
85
MAX9451
70
94
VDD and VDDA Supply Current
ICC1
Output clock
frequency =
155MHz
MAX9452
65
88
mA
MAX9450
55
80
MAX9451
65
80
VDDQ Supply Current
ICC2
Output clock
frequency =
155MHz (MAX9450)
MAX9452
14
25
mA
AC ELECTRICAL CHARACTERISTICS
(VDDA = VDD = VDDQ = 2.4V to 3.6V, and VDDQ = 1.4V to 1.6V for MAX9451, TA = -40°C to +85°C. |VID| = 200mV, VCOM = |VID / 2| to
2.4 - |VID / 2|. Typical values at VDDA = VDD = VDDQ = 3.3V and VDDQ = 1.5V for MAX9451, TA = +25°C. CL = 10pF, clock output =
155.5MHz and clock input = 19.44MHz, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CLK OUTPUTS (CLK0, CLK1)
Reference Input Frequency
fIN
Measured at IN0 or IN1
0.008
500
MHz
Output Frequency
fOUT
Measured at CLK0 or CLK1
15
160
MHz
VCXO Pulling Range
CL = 8pF (Note 2)
±60
ppm
Skew between CLK0 and CLK1
(MAX9450 and MAX9452)
50
90
Output-to-Output Skew
tSKO
Skew between CLK0 and CLK1 (MAX9451)
55
106
ps
Rise Time
tR
20% to 80% of output swing
0.4
0.590
ns
Fall Time
tF
80% to 20% of output swing
0.4
0.590
ns
Duty Cycle
43
56
%
Period Jitter (RMS)
TJ
Measured at the band 12kHz to 20MHz
0.8
ps
1kHz offset
-70
10kHz offset
-110
100kHz offset
-130
Phase Noise
1MHz offset
-140
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19