Electronic Components Datasheet Search
  English  ▼

X  

MAX9452 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # MAX9452
Description  High-Precision Clock Generators with Integrated VCXO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MAX9452 Datasheet(HTML) 6 Page - Microsemi Corporation

Back Button MAX9452 Datasheet HTML 2Page - Microsemi Corporation MAX9452 Datasheet HTML 3Page - Microsemi Corporation MAX9452 Datasheet HTML 4Page - Microsemi Corporation MAX9452 Datasheet HTML 5Page - Microsemi Corporation MAX9452 Datasheet HTML 6Page - Microsemi Corporation MAX9452 Datasheet HTML 7Page - Microsemi Corporation MAX9452 Datasheet HTML 8Page - Microsemi Corporation MAX9452 Datasheet HTML 9Page - Microsemi Corporation MAX9452 Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
High-Precision Clock Generators
with Integrated VCXO
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
LOCK
Lock Indicator.
LOCK goes low when the PLL locks. LOCK is high when the PLL is not locked.
2, 3
SEL0, SEL1
INO_ and IN1_ Select Inputs. Drive SEL0 high to activate IN0; drive SEL1 high to activate IN1. Driving SEL0
and SEL1 low disables the corresponding input. A 165k
Ω pullup resistor pulls SEL0 and SEL1 up to VDD.
4, 5
IN0+, IN0-
Differential Reference Input Pair. IN0+ and IN0- accept LVPECL, LVDS, and LVCMOS signals.
6, 25
VDD
Digital Power Supply. Connect a 2.4V to 3.6V power supply to VDD. Bypass VDD to GND with a 0.1µF
capacitor.
7, 8
IN1+, IN1-
Differential Reference Input Pair. IN1+ and IN1- accept LVPECL, LVDS, and LVCMOS signals.
9
INT
Reference Input Condition Indicator. A high indicates a failed reference.
10
MR
Master Reset. Drive MR high to reset all I2C registers to their default state and INT to zero.
11
GND/
CS
Ground and Chip-Select Input. Connect to GND in I2C mode. This is the chip-select input in SPI mode.
12
SCL
Clock Input. SCL is the clock input in I2C bus mode and SPI bus mode.
13
SDA
Data Input. SDA is the data input in I2C bus mode and SPI bus mode.
14, 15
AD0, AD1
I2C Address Selection. Drive AD0 and AD1 high to convert the serial interface from I2C to SPI. GND/
CS
becomes
CS. See Table 3 for the unique addresses list.
16
CMON
Clock Monitor. Drive
CMON low to enable the clock monitor. Drive CMON high to disable the clock monitor.
17
OE
Output Enable Input. Drive
OE low to enable the clock outputs. Driving OE high disables the clock outputs,
and the outputs go high impedance. An internal 165k
Ω pullup resistor pulls OE up to VDD.
18, 24
VDDQ
Clock-Output Power Supply. Connect a 2.4V to 3.6V power supply to VDDQ for the MAX9450 and MAX9452.
Connect a 1.5V power supply to VDDQ for the MAX9451. Connect a 0.1µF bypass capacitor from VDDQ to
GND.
19, 20
CLK0-,
CLK0+
Differential Clock Output 0. The MAX9450 features LVPECL outputs. The MAX9451 features HSTL outputs
and the MAX9452 features LVDS outputs.
21
GND
Digital GND
22, 23
CLK1-,
CLK1+
Differential Clock Output 1. The MAX9450 features LVPECL outputs. The MAX9451 features HSTL outputs,
and the MAX9452 features LVDS outputs.
26, 27
X1, X2
Reference Crystal Input. Connect the reference crystal from X1 to X2.
28
VDDA
Analog Power Supply. Connect a 2.4V to 3.6V power supply to VDDA. Bypass VDDA to GNDA with a 0.1µF
capacitor.
29, 30
LP1, LP2
External Loop Filter. Connect an RC circuit between LP1 and LP2. See the External Loop Filter section.
31
GNDA
Analog Ground
32
RJ
Charge-Pump Set Current. Connect an external resistor to GND to set the charge-pump current. See
Table 11.
EP
EP
Exposed Paddle. Connect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19