Electronic Components Datasheet Search
  English  ▼

X  

A2K Datasheet(PDF) 4 Page - CIT Relay & Switch

Part # A2K
Description  RELAY AUTOMOTIVE SPST 120A 12V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A2K Datasheet(HTML) 4 Page - CIT Relay & Switch

  A2K Datasheet HTML 1Page - CIT Relay & Switch A2K Datasheet HTML 2Page - CIT Relay & Switch A2K Datasheet HTML 3Page - CIT Relay & Switch A2K Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A2K
Dimensions are shown for reference purposes only.
Specifications and availability subject to change without notice.
A2K Rev B 10/2022
www.CITRelay.com
sales@CITRelay.com
4 of 4
Schematics & PC Layout
Bottom Views
86
85
87
30
87a
86
30
87
85
8.40
[.33]
17.90
[.70]
8.00
[.31]
16.80
[.66]
Ø2.30 TYP.
[Ø0.09]
8.40
[.33]
1A
1C
87a
86
30
87
85
85
87a
87
30
86
1C with Resistor
1C with Diode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com