Electronic Components Datasheet Search
  English  ▼

X  

A2K Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # A2K
Description  RELAY AUTOMOTIVE SPST 120A 12V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A2K Datasheet(HTML) 1 Page - CIT Relay & Switch

  A2K Datasheet HTML 1Page - CIT Relay & Switch A2K Datasheet HTML 2Page - CIT Relay & Switch A2K Datasheet HTML 3Page - CIT Relay & Switch A2K Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
26.5 x 32.0 x 33.5 mm
Features
A2K
Dimensions are shown for reference purposes only.
Specifications and availability subject to change without notice.
A2K Rev B 10/2022
www.CITRelay.com
sales@CITRelay.com
1 of 4
• ISO Sized Automotive Relay
• Internal Blowout Magnets
• Capable of Switching up to 110VDC
• Suitable for DC Motor and Lamp Control
• PCB Pin and Quick Connect Mounting Options
Coil Data*
General Data*
Contact Data*
Contact Arrangement
1A = SPST N.O.
1C = SPDT
Contact Rating
60A @ 14VDC, resistive
25A @ 36VDC, resistive
20A @ 48VDC, resistive
15A @ 72VDC, resistive
10A @ 90VDC, resistive
7A @ 110VDC, resistive
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
630W
Maximum Switching Voltage 110VDC
Maximum Switching Current Make : 120A@14VDC for 3 seconds
Break : 60A
Electrical Life @ rated load
100K cycles, average
Mechanical Life
500K cycles, average
Insulation Resistance
100M Ω min. @ 500VDC initial
Dielectric Strength
Coil to Contact 750V rms min. @ sea level initial
Contact to Contact 500V rms min. @ sea level initial
Shock Resistance
Functional 42m/s2 (4.4G)
Destructive 288m/s2 (30G)
Vibration Resistance
0.5mm 10~500Hz double amplitude (10G)
Operating Temperature
-40oC to +125oC (above 85°C, consult factory)
Storage Temperature
-40oC to +155oC
Solderability
260oC for 5 s
Weight
65g
* Values can change due to the switching frequency, desired reliability levels, environmental conditions and in-rush load levels. It is recommended to test actual load conditions for the
application. It is the user’s responsibility to determine the performance suitability for their specific application. The use of any coil voltage less than the rated coil voltage may compromise
the operation of the relay.
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
70% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
1.6W
12
15.6
90
7.8
1.2
1.6W
15
15
24
31.2
360
15.6
2.4


Similar Part No. - A2K

ManufacturerPart #DatasheetDescription
logo
Mersen
A2K MERSEN-A2K Datasheet
120Kb / 2P
THESE FAST-ACTING FUSES DELIVER A HIGH DEGREE OF CURRENT LIMITATION WHERE YOU NEED IT MOST
A2K-R MERSEN-A2K-R Datasheet
120Kb / 2P
THESE FAST-ACTING FUSES DELIVER A HIGH DEGREE OF CURRENT LIMITATION WHERE YOU NEED IT MOST
A2K100R MERSEN-A2K100R Datasheet
120Kb / 2P
THESE FAST-ACTING FUSES DELIVER A HIGH DEGREE OF CURRENT LIMITATION WHERE YOU NEED IT MOST
A2K10R MERSEN-A2K10R Datasheet
120Kb / 2P
THESE FAST-ACTING FUSES DELIVER A HIGH DEGREE OF CURRENT LIMITATION WHERE YOU NEED IT MOST
A2K110R MERSEN-A2K110R Datasheet
120Kb / 2P
THESE FAST-ACTING FUSES DELIVER A HIGH DEGREE OF CURRENT LIMITATION WHERE YOU NEED IT MOST
More results

Similar Description - A2K

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53012 MICROPAC-53012 Datasheet
149Kb / 4P
SPST SOLID-STATE RELAY
logo
ZETTLER Electronics
AZ766 ZETTLER-AZ766 Datasheet
46Kb / 2P
SPST SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ765 AZETTLER-AZ765 Datasheet
247Kb / 2P
SPST SUBMINIATURE POWER RELAY
logo
fujitsu semiconductor
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
POWER RELAY 1 POLE - 16A / Inrush 120A relay
logo
ZETTLER Electronics
AZ766 ZETTLER-AZ766_12 Datasheet
44Kb / 2P
SPST SUBMINIATURE POWER RELAY
AZ7709 ZETTLER-AZ7709 Datasheet
490Kb / 3P
SPST SUBMINIATURE POWER RELAY
logo
Adam Technologies, Inc.
RT2-12 ADAM-TECH-RT2-12 Datasheet
85Kb / 1P
RELAY DC 12V
logo
Micropac Industries
53012 MICROPAC-53012_02 Datasheet
76Kb / 4P
SPST SOLID-STATE RELAY
53024 MICROPAC-53024_02 Datasheet
39Kb / 3P
SPST SOLID-STATE RELAY
logo
CIT Relay & Switch
A3K CIT-A3K Datasheet
443Kb / 4P
RELAY AUTOMOTIVE SPDT 150A 12V
Rev C 10/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com