Electronic Components Datasheet Search
  English  ▼

X  

P83C660X2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # P83C660X2
Description  80C51 8-bit microcontroller family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C660X2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button P83C660X2 Datasheet HTML 35Page - NXP Semiconductors P83C660X2 Datasheet HTML 36Page - NXP Semiconductors P83C660X2 Datasheet HTML 37Page - NXP Semiconductors P83C660X2 Datasheet HTML 38Page - NXP Semiconductors P83C660X2 Datasheet HTML 39Page - NXP Semiconductors P83C660X2 Datasheet HTML 40Page - NXP Semiconductors P83C660X2 Datasheet HTML 41Page - NXP Semiconductors P83C660X2 Datasheet HTML 42Page - NXP Semiconductors P83C660X2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
Philips Semiconductors
Product data
P8xC660X2/661X2
80C51 8-bit microcontroller family 16 KB OTP/ROM, 512B
RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33
MHz), two 400KB I2C interfaces
2003 Oct 02
39
Table 7.
400 kbytes I2C interface serial clock rates
BIT FREQUENCY (kHz) AT fOSC in 6X MODE
fOSC DIVIDE BY
CR2
CR1
CR0
3 MHz
6 MHz
12 MHz
16 MHz
24 MHz
30 MHz
1
0
0
25
50
100
133
200
250
120
1
0
1
2
4
8
10
15
19
1600
1
1
0
38
75
150
200
300
375
80
1
1
1
50
100
200
267
400
500
60
0
0
0
100
200
400
533
800
1000
30
0
0
1
4
8
15
20
30
38
800
0
1
0
150
300
600
800
1200
1500
20
0
1
1
200
400
800
1067
1600
2000
15
BIT FREQUENCY (kHz) AT fOSC in 12X MODE
fOSC DIVIDE BY
CR2
CR1
CR0
3 MHz
6 MHz
12 MHz
16 MHz
24 MHz
33 MHz
1
0
0
13
25
50
67
100
138
240
1
0
1
1
2
4
5
8
10
3200
1
1
0
19
38
75
100
150
206
160
1
1
1
25
50
100
133
200
275
120
0
0
0
50
100
200
267
400
550
60
0
0
1
2
4
8
10
15
21
1600
0
1
0
75
150
300
400
600
825
40
0
1
1
100
200
400
533
800
1100
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com