Electronic Components Datasheet Search
  English  ▼

X  

P83C660X2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P83C660X2
Description  80C51 8-bit microcontroller family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C660X2 Datasheet(HTML) 2 Page - NXP Semiconductors

  P83C660X2 Datasheet HTML 1Page - NXP Semiconductors P83C660X2 Datasheet HTML 2Page - NXP Semiconductors P83C660X2 Datasheet HTML 3Page - NXP Semiconductors P83C660X2 Datasheet HTML 4Page - NXP Semiconductors P83C660X2 Datasheet HTML 5Page - NXP Semiconductors P83C660X2 Datasheet HTML 6Page - NXP Semiconductors P83C660X2 Datasheet HTML 7Page - NXP Semiconductors P83C660X2 Datasheet HTML 8Page - NXP Semiconductors P83C660X2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 102 page
background image
Philips Semiconductors
Product data
P8xC660X2/661X2
80C51 8-bit microcontroller family 16 KB OTP/ROM,
512B RAM, low voltage (2.7 to 5.5 V), low power, high speed
(30/33 MHz), two 400KB I2C interfaces
2
2003 Oct 02
853-2416 30396
DESCRIPTION
The devices are Single-Chip 8-Bit Microcontrollers manufactured in
an advanced CMOS process and are derivatives of the 80C51
microcontroller family. The instruction set is 100% compatible with
the 80C51 instruction set.
The devices support 6-clock/12-clock mode selection by
programming an OTP bit (OX2) using parallel programming. In
addition, an SFR bit (X2) in the clock control register (CKCON)
also selects between 6-clock/12-clock mode.
These devices have either one or two I2C interfaces, capable of
handling speeds up to 400 kbits/s (Fast I2C). They also have four
8-bit I/O ports, three 16-bit timer/event counters, a multi-source,
four-priority-level, nested interrupt structure, an enhanced UART and
on-chip oscillator and timing circuits.
The added features of the P8xC66xX2 make it a powerful
microcontroller for applications that require pulse width modulation,
high-speed I/O, I2C communication, and up/down counting
capabilities such as motor control.
FEATURES
• 80C51 Central Processing Unit
– 16 kbytes OTP (87C660X2, 87C661X2)
– 16 kbytes ROM (83C660X2, 83C661X2)
– 512 byte RAM
– Boolean processor
– Fully static operation
– Low voltage (2.7 V to 5.5 V at 16 MHz) operation
• 12-clock operation with selectable 6-clock operation (via software
or via parallel programmer)
• Memory addressing capability
– Up to 64 kbytes ROM and 64 kbytes RAM
• Power control modes:
– Clock can be stopped and resumed
– Idle mode
– Power-down mode
• CMOS and TTL compatible
• Two speed ranges at V
CC = 5 V
– 0 to 30 MHz with 6-clock operation
– 0 to 33 MHz with 12-clock operation
• Parallel programming with 87C51 compatible hardware interface
to programmer
• RAM expandable externally to 64 kbytes
• Programmable Counter Array (PCA)
– PWM
– Capture/compare
• PLCC and LQFP packages
• Extended temperature ranges
• Dual Data Pointers
• Security bits (3 bits)
• Encryption array - 64 bytes
• 8/9 interrupt sources
• Four interrupt priority levels
• Four 8-bit I/O ports
• One I2C serial port interface has a selectable data transfer mode,
either 400 kB/sec Fast-mode or 100 kB/sec Standard-mode
(8xC660X2 and 8xC661X2)
• A second I2C serial port interface has the 400 kB/sec Fast
data-transfer mode only and selectable slew rate control of the
output pins (8xC661X2)
• Full-duplex enhanced UART
– Framing error detection
– Automatic address recognition
• Three 16-bit timers/counters T0, T1 (standard 80C51) and
additional T2 (capture and compare)
• Programmable clock-out pin
• Asynchronous port reset
• Low EMI (inhibit ALE, slew rate controlled outputs, and 6-clock
mode)
• Wake-up from Power Down by an external interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com