Electronic Components Datasheet Search
  English  ▼

X  

843751 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 843751
Description  FemtoClock™ SAS/SATA Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

843751 Datasheet(HTML) 3 Page - Renesas Technology Corp

  843751 Datasheet HTML 1Page - Renesas Technology Corp 843751 Datasheet HTML 2Page - Renesas Technology Corp 843751 Datasheet HTML 3Page - Renesas Technology Corp 843751 Datasheet HTML 4Page - Renesas Technology Corp 843751 Datasheet HTML 5Page - Renesas Technology Corp 843751 Datasheet HTML 6Page - Renesas Technology Corp 843751 Datasheet HTML 7Page - Renesas Technology Corp 843751 Datasheet HTML 8Page - Renesas Technology Corp 843751 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
843751 Data Sheet
FEMTOCLOCK™ SAS/SATA CLOCK GENERATOR
843751 REVISION B 08.21.15
3
©2015 Integrated Device Technology, Inc.
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
Table 4B. Power Supply DC Characteristics, VCC = 2.5V ± 5%, VEE = 0V, TA = 0°C to 70°C
Table 4C. LVCMOS/LVTTL DC Characteristics,VCC = 3.3V ± 5% or 2.5V ± 5%, VEE = 0V, TA = 0°C to 70°C
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Outputs, IO
Continuos Current
Surge Current
50mA
100mA
Package Thermal Impedance,
JA
96°C/W (0 lfpm)
Storage Temperature, TSTG
-65
C to 150C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Power Supply Voltage
3.135
3.3
3.465
V
IEE
Power Supply Current
77
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Power Supply Voltage
2.375
2.5
2.625
V
IEE
Power Supply Current
75
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VCC = 3.3V
2
VCC + 0.3
V
VCC = 2.5V
1.7
VCC + 0.3
V
VIL
Input Low Voltage
VCC = 3.3V
-0.3
0.8
V
VCC = 2.5V
-0.3
0.7
V
IIH
Input High Current
SSC_SEL[0:1]
VCC = VIN = 3.465V or 2.5V
150
µA
IIL
Input Low Current
SSC_SEL[0:1]
VCC = 3.465V or 2.5V, VIN = 0V
-5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com