Electronic Components Datasheet Search
  English  ▼

X  

843751 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 843751
Description  FemtoClock™ SAS/SATA Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

843751 Datasheet(HTML) 1 Page - Renesas Technology Corp

  843751 Datasheet HTML 1Page - Renesas Technology Corp 843751 Datasheet HTML 2Page - Renesas Technology Corp 843751 Datasheet HTML 3Page - Renesas Technology Corp 843751 Datasheet HTML 4Page - Renesas Technology Corp 843751 Datasheet HTML 5Page - Renesas Technology Corp 843751 Datasheet HTML 6Page - Renesas Technology Corp 843751 Datasheet HTML 7Page - Renesas Technology Corp 843751 Datasheet HTML 8Page - Renesas Technology Corp 843751 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DATA SHEET
843751 REVISION B 08.21.15
1
©2015 Integrated Device Technology, Inc.
FemtoClock™ SAS/SATA Clock Generator
843751
General Description
The 843751 is a low jitter, high performance clock generator. The
843751 is designed for use in the SAS-2 interconnect and the three
transport protocols that use the SAS-2 interconnect: Serial SCSI
Protocol (SSP), Serial ATA Tunneled Protocol (STP), and Serial
Management Protocol (SMP). The 843751 has excellent (<1ps)
RMS phase jitter, over the SAS defined integration range. The
843751 uses an external, 25MHz, parallel resonant crystal to
generate 75MHz. This silicon based approach provides excellent
frequency stability and reliability. The 843751 features up, down, and
center spread spectrum (SSC) clocking techniques. The up, down
and center SSC will be required in the SAS-2 applications that have
three clock trees in the HBA and expander ASICs.
Applications
• SAS/SATA Host Bus Adapters
• SATA Port Multipliers
• SAS I/O Controllers
• TapeDrive and HDD Array Controllers
• SAS Edge and Fanout Expanders
• HDDs and TapeDrives
• Disk Storage Enterprise
Features
• Designed for use in SAS, SAS-2 systems
• Up, down and center Spread Spectrum Clocking (SSC)
• One differential 3.3V or 2.5V LVPECL output pair
• Output frequency: 75MHz
• RMS phase jitter @ 75MHz, (900kHz – 7.5MHz):
0.734ps (typical) @ 3.3V
• 3.3V or 2.5V operating supply modes
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• Functional replacement part: 843002AYLF
Block Diagram
Pin Assignment
843751
8-Lead SOIC, 150 Mil
3.90mm x 4.90mm x 1.375mm package body
M Package
Top View
OSC
FemtoClock™
PLL
Q
nQ
XTAL_IN
XTAL_OUT
SSC_SEL[1:0]
75MHz
25MHz
Pulldown


Similar Part No. - 843751

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843751 IDT-843751 Datasheet
217Kb / 17P
FemtoClock??SAS/SATA Clock Generator
843751AMLF IDT-843751AMLF Datasheet
217Kb / 17P
FemtoClock??SAS/SATA Clock Generator
843751AMLFT IDT-843751AMLFT Datasheet
217Kb / 17P
FemtoClock??SAS/SATA Clock Generator
More results

Similar Description - 843751

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS843442I IDT-ICS843442I Datasheet
715Kb / 13P
FemtoClock??SAS/SATA Clock Generator
843442 IDT-843442 Datasheet
201Kb / 14P
FemtoClock??SAS/SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
FemtoClock??SAS/SATA Clock Generator
844441 IDT-844441 Datasheet
356Kb / 15P
FemtoClock SAS/ SATA Clock Generator
843442I IDT-843442I Datasheet
201Kb / 14P
FemtoClock SAS/SATA Clock Generator
logo
Renesas Technology Corp
843441 RENESAS-843441 Datasheet
492Kb / 18P
FemtoClock® SAS/SATA Clock Generator
June 30, 2016
844441 RENESAS-844441 Datasheet
637Kb / 16P
FemtoClock® SAS/ SATA Clock Generator
November 2, 2016
RC22112A RENESAS-RC22112A Datasheet
2Mb / 48P
FemtoClock Clock Generator
Oct 3, 2022
843442 RENESAS-843442 Datasheet
393Kb / 15P
FemtoClock™ SAS/SATA Clock Generator
2019
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com