Electronic Components Datasheet Search
  English  ▼

X  

844002 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 844002
Description  FemtoClock® Crystal-to-LVDS Frequency Synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

844002 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 844002 Datasheet HTML 7Page - Renesas Technology Corp 844002 Datasheet HTML 8Page - Renesas Technology Corp 844002 Datasheet HTML 9Page - Renesas Technology Corp 844002 Datasheet HTML 10Page - Renesas Technology Corp 844002 Datasheet HTML 11Page - Renesas Technology Corp 844002 Datasheet HTML 12Page - Renesas Technology Corp 844002 Datasheet HTML 13Page - Renesas Technology Corp 844002 Datasheet HTML 14Page - Renesas Technology Corp 844002 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
REVISION B 6/9/15
844002 DATA SHEET
11
FEMTOCLOCKS™ CRYSTAL-TO-LVDS
FREQUENCY SYNTHESIZER
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the 844002.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the 844002 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
DD
= 3.3V + 5% = 3.465V, which gives worst case results.
• Power (core)
MAX
= V
DD_MAX
* (I
DD_MAX
+ I
DDA_MAX
) = 3.465V * (105mA + 12mA) = 405.4mW
• Power (outputs)
MAX
= V
DDO_MAX
* I
DDO_MAX
= 3.465V * 120mA = 415.8mW
Total Power
_MAX
= 405.4mW + 415.8mW = 821.2mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockS
TM devices is 125°C.
The equation for Tj is as follows: Tj =
θJA * Pd_total + TA
Tj = Junction Temperature
qJA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θJAmust be used. Assuming a
moderate air flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 66.6°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.821W * 66.6°C/W = 124.6°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and the
type of board (single layer or multi-layer).
TABLE 6. THERMAL RESISTANCE
θ
JA
FOR
20-LEAD TSSOP, FORCED CONVECTION
θ
JA
by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
114.5°C/W
98.0°C/W
88.0°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
73.2°C/W
66.6°C/W
63.5°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com