Electronic Components Datasheet Search
  English  ▼

X  

844002 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 844002
Description  FemtoClock® Crystal-to-LVDS Frequency Synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

844002 Datasheet(HTML) 2 Page - Renesas Technology Corp

  844002 Datasheet HTML 1Page - Renesas Technology Corp 844002 Datasheet HTML 2Page - Renesas Technology Corp 844002 Datasheet HTML 3Page - Renesas Technology Corp 844002 Datasheet HTML 4Page - Renesas Technology Corp 844002 Datasheet HTML 5Page - Renesas Technology Corp 844002 Datasheet HTML 6Page - Renesas Technology Corp 844002 Datasheet HTML 7Page - Renesas Technology Corp 844002 Datasheet HTML 8Page - Renesas Technology Corp 844002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FEMTOCLOCKS™ CRYSTAL-TO-LVDS
FREQUENCY SYNTHESIZER
844002 DATA SHEET
2
REVISION B 6/9/15
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
Number
Name
Type
Description
1, 7
nc
Unused
No connect.
2, 20
V
DDO
Power
Output supply pins.
3, 4
Q0, nQ0
Ouput
Differential output pair. LVDS interface levels.
5
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs Qx to go low and the inverted outputs nQx
to go high. When logic LOW, the internal dividers and the outputs are en-
abled. LVCMOS/LVTTL interface levels.
6
nPLL_SEL
Input
Pulldown
Selects between the PLL and REF_CLK as input to the dividers. When LOW,
selects PLL (PLL Enable). When HIGH, deselects the reference clock (PLL
Bypass). LVCMOS/LVTTL interface levels.
8V
DDA
Power
Analog supply pin.
9, 11
F_SEL0,
F_SEL1
Input
Pulldown Frequency select pins. LVCMOS/LVTTL interface levels.
10
V
DD
Power
Core supply pins.
12, 13
XTAL_OUT,
XTAL_IN
Input
Parallel resonant crystal interface. XTAL_OUT is the output,
XTAL_IN is the input.
14
REF_CLK
Input
Pulldown LVCMOS/LVTTL reference clock input.
15
nXTAL_SEL
Input
Pulldown
Selects between crystal or REF_CLK inputs as the the PLL Reference
source. Selects XTAL inputs when LOW. Selects REF_CLK when HIGH.
LVCMOS/LVTTL interface levels.
16
nc
Unused
No connect.
17
GND
Power
Power supply ground.
18, 19
nQ1, Q1
Output
Differential output pair. LVDS interface levels.
NOTE:
Pulldown
refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com