Electronic Components Datasheet Search
  English  ▼

X  

844003 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 844003
Description  FemtoClock® Crystal-to-3.3V LVDS Frequency Synthesizer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

844003 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 844003 Datasheet HTML 11Page - Renesas Technology Corp 844003 Datasheet HTML 12Page - Renesas Technology Corp 844003 Datasheet HTML 13Page - Renesas Technology Corp 844003 Datasheet HTML 14Page - Renesas Technology Corp 844003 Datasheet HTML 15Page - Renesas Technology Corp 844003 Datasheet HTML 16Page - Renesas Technology Corp 844003 Datasheet HTML 17Page - Renesas Technology Corp 844003 Datasheet HTML 18Page - Renesas Technology Corp 844003 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
©2016 Integrated Device Technology, Inc.
January 29, 2016
844003 Datasheet
Power Considerations
This section provides information on power dissipation and junction temperature for the 844003.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the 844003 is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VDD = 3.3V + 5% = 3.465V, which gives worst case results.
Total Power_MAX = VDD_MAX * (IDD_MAX + IDDA_MAX + IDDO_MAX) = 3.465V * 199mA = 689.5mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the device.
The maximum recommended junction temperature is 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming 1m/s air flow
and a multi-layer board, the appropriate value is 78°C/W per Table 7 below.
Therefore, Tj for an ambient temperature of 70°C with all outputs switching is:
70°C + 0.690W * 78°C/W = 123.8°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and the type of
board (multi-layer).
Table 7. Thermal Resistance JA for 24-lead TSSOP Package
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
82.3°C/W
78.0°C/W
75.9°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com