Electronic Components Datasheet Search
  English  ▼

X  

844003 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 844003
Description  FemtoClock® Crystal-to-3.3V LVDS Frequency Synthesizer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

844003 Datasheet(HTML) 2 Page - Renesas Technology Corp

  844003 Datasheet HTML 1Page - Renesas Technology Corp 844003 Datasheet HTML 2Page - Renesas Technology Corp 844003 Datasheet HTML 3Page - Renesas Technology Corp 844003 Datasheet HTML 4Page - Renesas Technology Corp 844003 Datasheet HTML 5Page - Renesas Technology Corp 844003 Datasheet HTML 6Page - Renesas Technology Corp 844003 Datasheet HTML 7Page - Renesas Technology Corp 844003 Datasheet HTML 8Page - Renesas Technology Corp 844003 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
©2016 Integrated Device Technology, Inc.
January 29, 2016
844003 Datasheet
Pin Description and Pin Characteristic Tables
Table 1. Pin Descriptions
Number
Name
Type
Description
1
DIV_SELB0
Input
Pulldown
Division select pin for Bank B. LVCMOS/LVTTL interface levels. See Table 3C.
2
VCO_SEL
Input
Pullup
VCO select pin. When Low, the PLL is bypassed and the crystal reference or
TEST_CLK (depending on XTAL_SEL setting) are passed directly to the output
dividers. Has an internal pullup resistor so the PLL is not bypassed by default.
LVCMOS/LVTTL interface levels.
3
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs Qx to go low and the inverted outputs nQx to go high.
When logic LOW, the internal dividers and the outputs are enabled. Has an
internal pulldown resistor so the power-up default state of outputs and dividers
are enabled. LVCMOS/LVTTL interface levels.
4VDDO_A
Power
Output supply pin for Bank A outputs.
5
QA0
Output
Differential output pair. LVDS interface levels.
6
nQA0
Output
Differential output pair. LVDS interface levels.
7
OEB
Input
Pullup
Output enable Bank B. Active High outputs are enable. When logic HIGH, the
output pairs on Bank B are enabled. When logic LOW, the output pairs are in a
high impedance state. Has an internal pullup resistor so the default power-up
state of outputs are enabled. LVCMOS/LVTTL interface levels. See Table 3F.
8
OEA
Input
Pullup
Output enable Bank A. Active High output enable. When logic HIGH, the output
pair in Bank A is enabled. When logic LOW, the output pair is in a high
impedance state. Has an internal pullup resistor so the default power-up state of
output is enabled. LVCMOS/LVTTL interface levels. See Table 3E.
9
FB_DIV
Input
Pulldown
Feedback divide select. When Low (default), the feedback divider is set for ÷20.
When HIGH, the feedback divider is set for ÷24. See Table 3D
LVCMOS/LVTTL interface levels.
10
VDDA
Power
Analog supply pin.
11
VDD
Power
Core supply pin.
12
DIV_SELA0
Input
Pullup
Division select pin for Bank A. LVCMOS/LVTTL interface levels. See Table 3C.
13
DIV_SELA1
Input
Pulldown
Division select pin for Bank A. LVCMOS/LVTTL interface levels. See Table 3C.
14
GND
Power
Power supply ground.
15
XTAL_OUT
Output
Parallel resonant crystal interface. XTAL_OUT is the output.
16
XTAL_IN
Input
Parallel resonant crystal interface. XTAL_IN is the input. XTAL_IN is also the
overdrive pin if you want to overdrive the crystal circuit with a single-ended
reference clock.
17
TEST_CLK
Input
Pulldown
Single-ended reference clock input. Has an internal pulldown resistor to pull to
low state by default. Can leave floating if using the crystal interface.
LVCMOS/LVTTL interface levels.
18
XTAL_SEL
Input
Pullup
Crystal select pin. Selects between the single-ended TEST_CLK or crystal
interface. Has an internal pullup resistor so the crystal interface is selected by
default. LVCMOS/LVTTL interface levels.
19
nQB1
Output
Differential output pair. LVDS interface levels.
20
QB1
Output
Differential output pair. LVDS interface levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com