Electronic Components Datasheet Search
  English  ▼

X  

844441 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 844441
Description  FemtoClock® SAS/ SATA Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

844441 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 844441 Datasheet HTML 7Page - Renesas Technology Corp 844441 Datasheet HTML 8Page - Renesas Technology Corp 844441 Datasheet HTML 9Page - Renesas Technology Corp 844441 Datasheet HTML 10Page - Renesas Technology Corp 844441 Datasheet HTML 11Page - Renesas Technology Corp 844441 Datasheet HTML 12Page - Renesas Technology Corp 844441 Datasheet HTML 13Page - Renesas Technology Corp 844441 Datasheet HTML 14Page - Renesas Technology Corp 844441 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
©2016 Integrated Device Technology, Inc.
Revison E, November 2, 2016
844441 Datasheet
Power Considerations
This section provides information on power dissipation and junction temperature for the 844441.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the 844441 is the sum of the core power plus the power dissipated due to loading.
The following is the power dissipation for VDD = 2.5V + 5% = 2.625V, which gives worst case results.
Total Power MAX = VDD_MAX * IDD_MAX = 2.625V * 73mA = 191.7mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad, and directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 96°C/W per Table 6B below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.192W * 96°C/W = 103.4°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the supply voltage, air flow and the type of board (multi-layer).
Table 6A. Thermal Resistance JA for 16 Lead TSSOP, Forced Convection
Table 6B. Thermal Resistance JA for 8 Lead SOIC, Forced Convection
JA vs. Air Flow
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
81.2°C/W
73.9°C/W
70.2°C/W
JA vs. Air Flow
Linear Feet per Second
0200
500
Multi-Layer PCB, JEDEC Standard Test Boards
96°C/W
87°C/W
82°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com