Electronic Components Datasheet Search
  English  ▼

X  

844441 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 844441
Description  FemtoClock® SAS/ SATA Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

844441 Datasheet(HTML) 2 Page - Renesas Technology Corp

  844441 Datasheet HTML 1Page - Renesas Technology Corp 844441 Datasheet HTML 2Page - Renesas Technology Corp 844441 Datasheet HTML 3Page - Renesas Technology Corp 844441 Datasheet HTML 4Page - Renesas Technology Corp 844441 Datasheet HTML 5Page - Renesas Technology Corp 844441 Datasheet HTML 6Page - Renesas Technology Corp 844441 Datasheet HTML 7Page - Renesas Technology Corp 844441 Datasheet HTML 8Page - Renesas Technology Corp 844441 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
©2016 Integrated Device Technology, Inc.
Revison E, November 2, 2016
844441 Datasheet
Pin Description and Pin Characteristic Tables
Table 1. Pin Descriptions
NOTE: Pullup/Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Tables
Table 3A. SSC_SEL[1:0] Function Table
Table 3B. F_SEL[1:0] Function Table
Name
Type
Description
XTAL_OUT,
XTAL_IN
Input
Crystal oscillator interface. XTAL_IN is the input, XTAL_OUT is the output.
SSC_SEL0,
SSC_SEL1
Input
Pulldown
SSC select pins. See Table 3A. LVCMOS/LVTTL interface levels.
F_SEL0
Input
Pulldown
Output frequency select pin. See Table 3B. LVCMOS/LVTTL interface levels.
F_SEL1
Input
Pullup
Output frequency select pin. See Table 3B. LVCMOS/LVTTL interface levels.
nPLL_SEL
Input
Pulldown
PLL Bypass pin. LVCMOS/LVTTL interface levels.
Q, nQ
Output
Differential clock outputs. LVDS interface levels.
GND
Power
Power supply ground.
VDD
Power
Power supply pin.
nc
Unused
No connect.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
nPLL_SEL, F_SEL[1:0], SSC_SEL[1:0]
4
pF
RPULLDOWN
Input Pulldown Resistor
51
k
RPULLUP
Input Pullup Resistor
51
k
Inputs
Mode
SSC_SEL1
SSC_SEL0
0 (default)
0 (default)
SSC Off
0
1
0.5% Down-spread
1
0
0.23% Down-spread
1
1
0.34% Center-spread
Inputs
Output Frequency (MHz)
F_SEL1
F_SEL0
00
75
01
100
1 (default)
0 (default)
150
11
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com