Electronic Components Datasheet Search
  English  ▼

X  

STG5678BJR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STG5678BJR
Description  Low voltage dual SPDT switch with negative rail capability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5678BJR Datasheet(HTML) 5 Page - STMicroelectronics

  STG5678BJR Datasheet HTML 1Page - STMicroelectronics STG5678BJR Datasheet HTML 2Page - STMicroelectronics STG5678BJR Datasheet HTML 3Page - STMicroelectronics STG5678BJR Datasheet HTML 4Page - STMicroelectronics STG5678BJR Datasheet HTML 5Page - STMicroelectronics STG5678BJR Datasheet HTML 6Page - STMicroelectronics STG5678BJR Datasheet HTML 7Page - STMicroelectronics STG5678BJR Datasheet HTML 8Page - STMicroelectronics STG5678BJR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
STG5678
Maximum rating
Doc ID 14580 Rev 3
5/23
3
Maximum rating
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to 5.5
V
VI
DC input voltage
- (VCC - 6.0) to
VCC + 0.5
V
VIC
DC control input voltage
-0.5 to 5.5
V
VO
DC output voltage
- (VCC - 6.0 V) to
VCC + 0.5
V
IIKC
DC input diode current on control pin (VSEL <0V)
-50
mA
IIK
DC input diode current (VIN <0V)
±50
mA
IOK
DC output diode current
±20
mA
IO
DC output current
±150
mA
IOP
DC output current peak (pulse at 1ms, 10% duty cycle)
±400
mA
ICC or
IGND
DC VCC or ground current
±100
mA
PD
Power dissipation at TA = 70°C
(1)
1.
Derate above 70 ºC by 18.5 mW/C
1120
mW
Tstg
Storage temperature
-65 to 150
°C
TL
Lead temperature (10 sec)
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com