Electronic Components Datasheet Search
  English  ▼

X  

STG5678BJR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG5678BJR
Description  Low voltage dual SPDT switch with negative rail capability
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG5678BJR Datasheet(HTML) 1 Page - STMicroelectronics

  STG5678BJR Datasheet HTML 1Page - STMicroelectronics STG5678BJR Datasheet HTML 2Page - STMicroelectronics STG5678BJR Datasheet HTML 3Page - STMicroelectronics STG5678BJR Datasheet HTML 4Page - STMicroelectronics STG5678BJR Datasheet HTML 5Page - STMicroelectronics STG5678BJR Datasheet HTML 6Page - STMicroelectronics STG5678BJR Datasheet HTML 7Page - STMicroelectronics STG5678BJR Datasheet HTML 8Page - STMicroelectronics STG5678BJR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
June 2010
Doc ID 14580 Rev 3
1/23
23
STG5678
Low voltage dual SPDT switch
with negative rail capability
Features
■ Distortion-free negative signal throughput
down to VCC - 5.5 V
■ Wide operating voltage range:
VCC (opr) = 1.65 to 4.5 V single supply
■ Ultra low power dissipation:
ICC = 0.2 µA (max.) at TA = 85 °C
■ Low ON resistance:
RON = 0.5 Ω (max. TA = 25 °C) at VCC = 3.6 V
■ 4.3 V tolerant and 1.8 V compatible threshold
on digital control input at VCC = 1.65 V to 4.5 V
■ Latch-up performance exceeds 300 mA
(JESD 17)
■ ESD performance:
– 2000-V human-body model
(IEC61340-3-1:2002 level 2)
– 200-V machine model
(IEC61340-3-2 level M2)
– 1000-V charge device model
(JESD22-C101-A level III)
Description
The STG5678 is a high-speed CMOS low voltage
dual analog SPDT (single pole dual throw) switch
or 2:1 multiplexer/de-multiplexer switch fabricated
in silicon gate CMOS technology. It is designed to
operate from 1.65 to 4.5 V.
The device is capable of handling signals with
negative voltages from VCC - 5.5 V to VCC without
any distortion.
Additional key features are fast switching speed,
break-before-make delay time and ultra low power
consumption. All inputs and outputs are equipped
with protection circuits against static discharge,
giving them ESD immunity and transient excess
voltage.
Flip-chip 12
Table 1.
Device summary
Order code
Package
Packaging
STG5678BJR
Flip-chip 12
Tape and reel
STG5678CJR
Flip-chip 12 (with back side coating)
Tape and reel
www.st.com


Similar Part No. - STG5678BJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG5682 STMICROELECTRONICS-STG5682 Datasheet
213Kb / 16P
Low voltage dual SPDTswitch with negative rail capacitance
15-Mar-2007
STG5682QTR STMICROELECTRONICS-STG5682QTR Datasheet
213Kb / 16P
Low voltage dual SPDTswitch with negative rail capacitance
15-Mar-2007
STG5683 STMICROELECTRONICS-STG5683 Datasheet
244Kb / 16P
Low voltage dual SPDTswitch with negative rail capability
05-Jul-2007
STG5683QTR STMICROELECTRONICS-STG5683QTR Datasheet
244Kb / 16P
Low voltage dual SPDTswitch with negative rail capability
05-Jul-2007
More results

Similar Description - STG5678BJR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762 Datasheet
512Kb / 15P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
19-3152; Rev 0; 1/04
logo
STMicroelectronics
STG5683 STMICROELECTRONICS-STG5683 Datasheet
244Kb / 16P
Low voltage dual SPDTswitch with negative rail capability
05-Jul-2007
logo
ams AG
AS1747 AMSCO-AS1747 Datasheet
415Kb / 13P
Low-Voltage, Dual SPDT, Audio Clickless Switch with Negative Rail Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
ams AG
AS1747 AMSCO-AS1747_04 Datasheet
875Kb / 17P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
Maxim Integrated Produc...
MAX4762 MAXIM-MAX4762_V01 Datasheet
481Kb / 15P
Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
2006
logo
Vishay Siliconix
DG2750 VISHAY-DG2750_V01 Datasheet
165Kb / 9P
0.45 Ω, Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
20-Mar-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com