Electronic Components Datasheet Search
  English  ▼

X  

X0402MH Datasheet(PDF) 6 Page - STMicroelectronics

Part # X0402MH
Description  4 A Sensitive gate SCR in IPAK package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0402MH Datasheet(HTML) 6 Page - STMicroelectronics

Back Button X0402MH Datasheet HTML 2Page - STMicroelectronics X0402MH Datasheet HTML 3Page - STMicroelectronics X0402MH Datasheet HTML 4Page - STMicroelectronics X0402MH Datasheet HTML 5Page - STMicroelectronics X0402MH Datasheet HTML 6Page - STMicroelectronics X0402MH Datasheet HTML 7Page - STMicroelectronics X0402MH Datasheet HTML 8Page - STMicroelectronics X0402MH Datasheet HTML 9Page - STMicroelectronics X0402MH Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
IPAK package information
•
Molding compouned resin is halogen free and meets UL94 flammability standard, level V0
•
Lead-free package leads plating
Figure 12. IPAK package outline
X0402MH
Package information
DS14067 - Rev 1
page 6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com