Electronic Components Datasheet Search
  English  ▼

X  

X0402MH Datasheet(PDF) 1 Page - STMicroelectronics

Part # X0402MH
Description  4 A Sensitive gate SCR in IPAK package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0402MH Datasheet(HTML) 1 Page - STMicroelectronics

  X0402MH Datasheet HTML 1Page - STMicroelectronics X0402MH Datasheet HTML 2Page - STMicroelectronics X0402MH Datasheet HTML 3Page - STMicroelectronics X0402MH Datasheet HTML 4Page - STMicroelectronics X0402MH Datasheet HTML 5Page - STMicroelectronics X0402MH Datasheet HTML 6Page - STMicroelectronics X0402MH Datasheet HTML 7Page - STMicroelectronics X0402MH Datasheet HTML 8Page - STMicroelectronics X0402MH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
•
4 A SCR
•
Sensitive SCR: IGT = 200 µA
•
VDRM / VRRM = 600 V and VDSM / VRSM = 750 V
•
125 °C maximum junction temperature Tj
•
IPAK package
•
Halogen-free molding, lead-free plating
•
ECOPACK2 compliant
Applications
•
Actuators
•
Ignitors
•
Inrush current limiting circuits
Description
The X04 series is 4 A SCR housed in compact through hole IPAK package. This
highly sensitive device is suited to home appliances or power tools and industrial
systems and drives loads up to 4 A.
IPAK
A2
A2
A1
G
Product status link
X0402MH
Product summary
IT(RMS)
4 A
VDSM/VRSM
750 V
IGT
200 µA
Tj max.
125 °C
4 A Sensitive gate SCR in IPAK package
X0402MH
Datasheet
DS14067 - Rev 1 - September 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - X0402MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0402MB STMICROELECTRONICS-X0402MB Datasheet
697Kb / 11P
4 A Sensitive gate SCR in DPAK package
06-Sep-2022
X0402ME STMICROELECTRONICS-X0402ME Datasheet
677Kb / 6P
SENSITINE GATE SCR
X0402MF STMICROELECTRONICS-X0402MF Datasheet
194Kb / 4P
SENSITIVE GATE SCR
X0402MF STMICROELECTRONICS-X0402MF Datasheet
205Kb / 5P
4A SCRS
Sep-2000
X0402MF STMICROELECTRONICS-X0402MF Datasheet
677Kb / 6P
SENSITINE GATE SCR
More results

Similar Description - X0402MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
SENSITIVE GATE SCR
Jan 1995
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
logo
STMicroelectronics
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
0.8 A sensitive gate SCR
03-May-2012
X02 STMICROELECTRONICS-X02_05 Datasheet
136Kb / 11P
1.25 A sensitive gate SCR
14-Jan-2011
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
SENSITIVE GATE SCR
X0402MB STMICROELECTRONICS-X0402MB Datasheet
697Kb / 11P
4 A Sensitive gate SCR in DPAK package
06-Sep-2022
X0405MB STMICROELECTRONICS-X0405MB Datasheet
575Kb / 11P
4 A Sensitive gate SCR in DPAK package
06-Sep-2022
X0405MH STMICROELECTRONICS-X0405MH Datasheet
575Kb / 10P
4 A Sensitive gate SCR in IPAK package
06-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com