Electronic Components Datasheet Search
  English  ▼

X  

ICM7170IPG Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICM7170IPG
Description  Microprocessor-Compatible, Real-Time Clock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICM7170IPG Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICM7170IPG Datasheet HTML 1Page - Renesas Technology Corp ICM7170IPG Datasheet HTML 2Page - Renesas Technology Corp ICM7170IPG Datasheet HTML 3Page - Renesas Technology Corp ICM7170IPG Datasheet HTML 4Page - Renesas Technology Corp ICM7170IPG Datasheet HTML 5Page - Renesas Technology Corp ICM7170IPG Datasheet HTML 6Page - Renesas Technology Corp ICM7170IPG Datasheet HTML 7Page - Renesas Technology Corp ICM7170IPG Datasheet HTML 8Page - Renesas Technology Corp ICM7170IPG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ICM7170
FN3019 Rev.6.00
Page 3 of 14
Nov 2003
Absolute Maximum Ratings TA = 25oC
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Power Dissipation (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . .500mW
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65oC to 150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . .300oC
Input Voltage (Any Terminal) (Note 2) . . . . VDD +0.3V to VSS -0.3V
Thermal Resistance (Typical, Note 1)
JA (oC/W) JC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
50
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
75
N/A
Maximum Junction Temperature
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .150oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. Due to the SCR structure inherent in the CMOS process, connecting any terminal at voltages greater than VDD or less than VSS may cause destructive
device latchup. For this reason, it is recommended that no inputs from external sources not operating on the same power supply be applied to the
device before its supply is established, and that in multiple supply systems, the supply to the ICM7170 be turned on first.
Electrical Specifications
TA = -40oC to 85oC, VDD +5V 10%, VBACKUP VDD, VSS = 0V Unless Otherwise Specified
All IDD specifications include all input and output leakages (ICM7170 and ICM7170A)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VDD Supply Range, VDD
fOSC = 32kHz
1.9
-
5.5
V
fOSC = 1, 2, 4MHz
2.6
-
5.5
V
Standby Current, ISTBY(1)
fOSC = 32kHz
Pins 1 - 8,15 - 22 and 24 = VDD
ICM7170
-
1.2
20.0
A
VDD = VSS; VBACKUP = VDD - 3.0V
For ICM7170A See General Notes 5
ICM7170A
-
1.2
5.0
A
Standby Current, ISTBY(2)
fOSC = 4MHz Pins 1 - 8,15 - 22 and 24 = VDD
VDD = VSS; VBACKUP = VDD - 3.0V
-20
150
A
Operating Supply Current, IDD(1)
fOSC = 32kHz, Read/Write Operation at 100Hz
-
0.3
1.2
mA
Operating Supply Current, IDD(2)
fOSC = 32kHz, Read/Write Operation at 1MHz
-
1.0
2.0
mA
Input Low Voltage (Except Osc.), VIL
VDD = 5.0V
-
-
0.8
V
Input High Voltage (Except Osc.), VIH
VDD = 5.0V
2.4
-
-
V
Output Low Voltage (Except Osc.), VOL
IOL = 1.6mA
-
-
0.4
V
Output High Voltage Except
INTERRUPT (Except Osc.), VOH
IOH = -400A2.4
-
-
V
Input Leakage Current, IIL
VIN = VDD or VSS
-10
0.5
+10
A
Three-State Leakage Current
(D0 - D7), IOL(1)
VO = VDD or VSS
-10
0.5
+10
A
Backup Battery Voltage, VBATTERY
fOSC = 1, 2, 4MHz
2.6
-
VDD - 1.3
V
Backup Battery Voltage, VBATTERY
fOSC = 32kHz
1.9
-
VDD - 1.3
V
Leakage Current INTERRUPT, IOL(2)
VO = VDD
INT SOURCE
Connected to VSS
-0.5
10
A
Capacitance D0 - D7, CI/O
-8
-
pF
Capacitance A0 - A4, CADDRESS
-6
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com