Electronic Components Datasheet Search
  English  ▼

X  

CCG Datasheet(PDF) 2 Page - TDK Electronics

Part # CCG
Description  1.3 to 10.8W DC-DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CCG Datasheet(HTML) 2 Page - TDK Electronics

  CCG Datasheet HTML 1Page - TDK Electronics CCG Datasheet HTML 2Page - TDK Electronics CCG Datasheet HTML 3Page - TDK Electronics CCG Datasheet HTML 4Page - TDK Electronics CCG Datasheet HTML 5Page - TDK Electronics CCG Datasheet HTML 6Page - TDK Electronics CCG Datasheet HTML 7Page - TDK Electronics CCG Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CCG1R5-10 Series
2
Notes
(1) ±12V dual output models can provide a 24V single output by utilizing just the +Vout and -Vout pins, leaving the COM unconnected. Similarly +/-15V dual output models can
be used as a 30V single output
Model Selector
Model
Input
Output
Output
Maximum
Input Current at
Efficiency (%)
Line / Load
Letter “”x”” indicates mounting type
Voltage
Voltage
Current
Power
nominal input
(100% load,
Regulation
x=F through hole, x=R surface mount
(V)
(V)
(A)
(W)
(A)
nominal input)
(mV)
CCG1R5-12-03Sx
3.3
0.4
1.32
0.149
74
20 / 20
CCG3-12-03Sx
3.3
0.8
2.64
0.282
78
20 / 20
CCG6-12-03Sx
3.3
1.6
5.28
0.537
82
20 / 20
CCG10-12-03Sx
3.3
2.6
8.58
0.813
88
20 / 20
CCG1R5-12-05Sx
5
0.3
1.5
0.158
79
20 / 20
CCG3-12-05Sx
5
0.6
3
0.309
81
20 / 20
CCG6-12-05Sx
5
1.2
6
0.581
86
20 / 20
CCG10-12-05Sx
5
2
10
0.926
90
20 / 20
CCG1R5-12-12Sx
12
0.13
1.56
0.165
79
48 / 48
CCG3-12-12Sx
12
0.25
3
0.301
83
48 / 48
CCG6-12-12Sx
12
0.5
6
0.562
89
48 / 48
CCG10-12-12Sx
12
0.9
10.8
1.000
90
48 / 48
CCG1R5-12-15Sx
15
0.1
1.5
0.158
79
60 / 60
CCG3-12-15Sx
15
0.2
3
0.294
85
60 / 60
CCG6-12-15Sx
15
0.4
6
0.556
90
60 / 60
CCG10-12-15Sx
15
0.7
10.5
0.972
90
60 / 60
CCG1R5-12-12Dx(1)
4.5 - 18
24
0.065
1.56
0.167
78
120 / 240
CCG3-12-12Dx(1)
24
0.13
3.12
0.31
84
120 / 240
CCG6-12-12Dx(1)
24
0.25
6
0.568
88
120 / 240
CCG10-12-12Dx(1)
24
0.42
10.08
0.944
89
120 / 240
CCG1R5-12-15Dx(1)
30
0.05
1.5
0.16
78
150 / 300
CCG3-12-15Dx(1)
30
0.1
3
0.298
84
150 / 300
CCG6-12-15Dx(1)
30
0.2
6
0.568
88
150 / 300
CCG10-12-15Dx(1)
30
0.34
10.2
0.944
90
150 / 300
CCG1R5-12-12Dx
±12
±0.065
1.56
0.167
78
60 / 120
CCG3-12-12Dx
±12
±0.13
3.12
0.31
84
60 / 120
CCG6-12-12Dx
±12
±0.25
6
0.568
88
60 / 120
CCG10-12-12Dx
±12
±0.42
10.08
0.944
89
60 / 120
CCG1R5-12-15Dx
±15
±0.05
1.5
0.16
78
75 / 150
CCG3-12-15Dx
±15
±0.1
3
0.298
84
75 / 150
CCG6-12-15Dx
±15
±0.2
6
0.568
88
75 / 150
CCG10-12-15Dx
±15
±0.34
10.2
0.944
90
75 / 150
CCG1R5-24-03Sx
3.3
0.4
1.32
0.075
73
20 / 20
CCG3-24-03Sx
3.3
0.8
2.64
0.143
77
20 / 20
CCG6-24-03Sx
3.3
1.6
5.28
0.272
81
20 / 20
CCG10-24-03Sx
3.3
2.6
8.58
0.411
87
20 / 20
CCG1R5-24-05Sx
5
0.3
1.5
0.08
78
20 / 20
CCG3-24-05Sx
5
0.6
3
0.152
82
20 / 20
CCG6-24-05Sx
5
1.2
6
0.294
85
20 / 20
CCG10-24-05Sx
9 - 36
5
2
10
0.468
89
20 / 20
CCG1R5-24-12Sx
12
0.13
1.56
0.079
82
48 / 48
CCG3-24-12Sx
12
0.25
3
0.151
83
48 / 48
CCG6-24-12Sx
12
0.5
6
0.284
88
48 / 48
CCG10-24-12Sx
12
0.9
10.8
0.5
90
48 / 48
CCG1R5-24-15Sx
15
0.1
1.5
0.076
82
60 / 60
CCG3-24-15Sx
15
0.2
3
0.149
84
60 / 60
CCG6-24-15Sx
15
0.4
6
0.281
89
60 / 60
CCG10-24-15Sx
15
0.7
10.5
0.486
90
60 / 60



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com