Electronic Components Datasheet Search
  English  ▼

X  

CCG Datasheet(PDF) 4 Page - TDK Electronics

Part # CCG
Description  1.3 to 10.8W DC-DC Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CCG Datasheet(HTML) 4 Page - TDK Electronics

  CCG Datasheet HTML 1Page - TDK Electronics CCG Datasheet HTML 2Page - TDK Electronics CCG Datasheet HTML 3Page - TDK Electronics CCG Datasheet HTML 4Page - TDK Electronics CCG Datasheet HTML 5Page - TDK Electronics CCG Datasheet HTML 6Page - TDK Electronics CCG Datasheet HTML 7Page - TDK Electronics CCG Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CCG1R5-10 Series
4
Specifications
Immunity
Model
CCG1R5-10, CCG3
Input
Input Voltage Range
Vdc
See model selector table
No Load Power Consumption (2)
W
0.15 to 0.75. See evaluation data on website.
Efficiency
-
See model selector table
Conducted & Radiated EMI
-
EN55011/EN55032-A, FCC Class A, VCCI-A
(External components are required, consult Evaluation Data on website)
Immunity
-
See Immunity table
Safety Certifications and Markings
-
IEC/UL/CSA/EN62368-1, CE Mark and UKCA Mark
Test
Notes: See IEC61000 immunity test report
Test
Standard
Level
Criteria
on website for external filtering circuitry
ESD
EN61000-4-2
3
B
Air ± 8kV
Radiated Susceptibility
EN61000-4-3
2/3
A
Lvl 2: 3V/m(1.4-6.0GHz)
Lvl 3: 10V/m(80-1000MHz)
Electrical Fast Transient Burst
EN61000-4-4
4
B
± 4kV for input and output
Surge
EN61000-4-5
3
B
Normal mode ± 2kV
Conducted Susceptibility
EN61000-4-6
3
A
10V(150kHz-80MHz)
Magnetic Fields
EN61000-4-8
4
A
30A/m(50Hz, 60Hz)
Specifications
Model
CCG1R5
CCG3
CCG6
CCG10
Output
Output Voltage Tolerance
%
±2
Output Voltage Adjustment
%
Single output only. -5, +10
Switching Frequency
kHz
400 (fixed)
Cross Regulation
mV
Dual output only. ±12V: 480, ±15V: 600 (Asymmetrical, one output at 20%, the other at 100%
External Load Capacitance (Maximum)
uF
CCG1R5, CCG3: 3.3-5V: 220, 12-15V: 100
CCG6, CCG10: 3.3-5V: 470, 12-15V: 220
Ripple & Noise
mV
200
Temperature Coefficient
%/°C
0.02
Minimum Load
-
No minimum load required
Overcurrent Protection
%
Hiccup mode. >105%
Overvoltage Protection
-
-
Overtemperature Protection
-
-
Remote Sense
-
No remote sense
Remote On/Off
-
Negative Logic ON: Short , OFF: Open
Parallel Operation
-
Not possible
Environmental
Operating Temperature (Ambient) (3)
°C
-40 to +100
-40 to +95
-40 to +90
Maximum Transformer Temperature
°C
112 to 130 (See instruction manual on website for limits and measurement)
Storage Temperature
°C
-55 to +125
Humidity (non condensing)
%RH
5 - 95 (Operating & storage)
Cooling
-
Convection or forced air
Altitude
m
5,000
Withstand Voltage
Vac/Vdc
Input to output 1,500Vdc or 1,000Vac for 1 minute
Vibration (Non operating)
-
10-55Hz (Sweep for 1min.)
Amplitude 1.65 mm Constant (Maximum 98m/s2) X,Y,Z 1 hour each
Shock (Non operating)
-
490.3m/s2, 11ms, ±X, ±Y, ±Z 3 times each



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com