Electronic Components Datasheet Search
  English  ▼

X  

ST25R3920 Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 44Page - STMicroelectronics ST25R3920 Datasheet HTML 45Page - STMicroelectronics ST25R3920 Datasheet HTML 46Page - STMicroelectronics ST25R3920 Datasheet HTML 47Page - STMicroelectronics ST25R3920 Datasheet HTML 48Page - STMicroelectronics ST25R3920 Datasheet HTML 49Page - STMicroelectronics ST25R3920 Datasheet HTML 50Page - STMicroelectronics ST25R3920 Datasheet HTML 51Page - STMicroelectronics ST25R3920 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 152 page
background image
Application information
ST25R3920
48/152
DS13261 Rev 9
Figure 11. SPI communication: writing a single byte
Figure 12. SPI communication: writing multiple bytes
Reading data from addressable registers (Read register mode)
The SPI operation mode bits are followed by the address of the register to be read. Then
one or more data bytes are transferred to MISO output (MSB first) for as long as SCLK is
present. This mode also supports address auto-incrementing. If there is no register at a
certain address, then all 0 data is sent to MISO.
Figure 13 is an example of reading a single byte.
MS51644V1
00
D7
X
X
BSS
SCLK
MOSI
Two leading bits
indicate mode
SCLK rising edge
Data transferred from MCU
SCLK falling edge
Data is sampled
Data is moved to
address <A5-A0>
Raising
edge
indicates
end of
Write mode
D6
D5
D4
D3
D2
D1
D0
A5
A4
A3
A2
A1
A0
MS51645V1
BSS raising edge
indicates end of
Write mode
Two leading 0s
indicate Write mode
SCLK falling edge
Data moved to
address <A5-A0>
00 A5
A
4
A
3
A
2
A
1
A
0
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
X
X
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
1
D
0
BSS
SCLK
MOSI
SCLK falling edge
Data moved to
address <A5-A0> + 1
SCLK falling edge
Data moved to
address <A5-A0> + (n-1)
SCLK falling edge
Data moved to
address <A5-A0> + n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com