Electronic Components Datasheet Search
  English  ▼

X  

ST25R3920 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 29Page - STMicroelectronics ST25R3920 Datasheet HTML 30Page - STMicroelectronics ST25R3920 Datasheet HTML 31Page - STMicroelectronics ST25R3920 Datasheet HTML 32Page - STMicroelectronics ST25R3920 Datasheet HTML 33Page - STMicroelectronics ST25R3920 Datasheet HTML 34Page - STMicroelectronics ST25R3920 Datasheet HTML 35Page - STMicroelectronics ST25R3920 Datasheet HTML 36Page - STMicroelectronics ST25R3920 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 152 page
background image
DS13261 Rev 9
33/152
ST25R3920
Application information
151
All timers are stopped by the direct command Stop all activities.
Mask receive timer (MRT)
In Reader mode this timer is blocking the receiver and reception process in framing logic by
keeping the rx_on signal low after the end of TX during the time the tag reply is not
expected. While Mask Receive timer is running the Squelch is automatically turned on when
enabled. The MRT does not produce an IRQ.
The MRT timeout is configured in the Mask receive timer register and is automatically
started at the end of data transmission (at the end of EOF).
The MRT can be triggered by direct command Start Mask-receive timer. In this case the
squelch is enabled, according to the Squelch timer register.
In the NFCIP-1 Active Initiator, Active and Passive Target communication modes the MRT is
started when the other device turns on its field and the external field detector signals I_eon.
MRT supports a longer timing needed for NFCIP1 by setting option bit mrt_step. The bit
switches between fc / 64 and fc / 512 step size.
The MRT starts also in the low power Initial NFC target mode. After the initiator field has
been detected the controller turns on the 27 kHz RC oscillator, regulator, crystal oscillator,
receiver and MRT. After the MRT expires the receiver output starts to be observed to detect
start of the initiator message.
For correct operation in the low power Initial NFC target mode the mrt_step = 1 must be
used. The 27 kHz RC oscillator is used as a MRT clock source for the time before the crystal
oscillator stabilises. This enables that the actual MRT time is a good approximation to the
targeted time, also in case the crystal oscillator is not running yet.
No-response timer (NRT)
The purpose of this timer is intended to observe whether a response is detected during a
configured time started by end of transmission. The I_nre flag in the Timer and NFC
interrupt register is signaling interrupt events resulting from this timer timeout.
The NRT is configured by writing No-response timer register 1 and No-response timer
register 2). Operation options are defined by setting bits nrt_emv and nrt_step in the Timer
and EMV® control register.
The NRT is automatically started at the end of transmission.
Bit nrt_step configures the time step of the No-response timer. Two steps are available,
64/fc (4.72 μs) and 4096/fc, covering, respectively, the range up to 309 ms and up to 19.8 s.
Bit nrt_emv controls the timer operation mode.
•
When this bit is set to 0 (default mode) the IRQ is produced if the NRT expires before a
start of a response is detected. The rx_on is set low to disable the receiver. In the
opposite case, when the start of a tag reply is detected before timeout, the timer is
stopped, and no IRQ is produced.
•
When this bit is set to 1 the timer unconditionally produces an IRQ when it expires, it is
also not stopped by direct command Stop all activities. This means that the IRQ is
independent from whether or not a tag reply was detected. When a tag reply is being
processed during a timeout, no other action is taken and the reply is normally received.
In the opposite case, when no tag response is being processed, the receiver is
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com