Electronic Components Datasheet Search
  English  ▼

X  

ST25R3920 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST25R3920
Description  Automotive high performance NFC reader for CCC digital key and car center console
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3920 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST25R3920 Datasheet HTML 101Page - STMicroelectronics ST25R3920 Datasheet HTML 102Page - STMicroelectronics ST25R3920 Datasheet HTML 103Page - STMicroelectronics ST25R3920 Datasheet HTML 104Page - STMicroelectronics ST25R3920 Datasheet HTML 105Page - STMicroelectronics ST25R3920 Datasheet HTML 106Page - STMicroelectronics ST25R3920 Datasheet HTML 107Page - STMicroelectronics ST25R3920 Datasheet HTML 108Page - STMicroelectronics ST25R3920 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 152 page
background image
DS13261 Rev 9
105/152
ST25R3920
Application information
151
4.5.46
Antenna tuning control register 1
Register space: A
Address: 26h
Type: RW
4.5.47
Antenna tuning control register 2
Register space: A
Address: 27h
Type: RW
Table 72. Antenna tuning control register 1
Bit
Name
Default
Function
Comments
7
aat_A_7
1
AAT-A D/A converter input.
AAT-A voltage (in V) =
(0.044 + 0.868 * aat_A<7:0> / 255) * VDD_A
6
aat_A_6
0
5
aat_A_5
0
4
aat_A_4
0
3
aat_A_3
0
2
aat_A_2
0
1
aat_A_1
0
0
aat_A_0
0
Table 73. Antenna tuning control register 2
Bit
Name
Default
Function
Comments
7
aat_B_7
1
AAT-B D/A converter input.
AAT-B voltage (in V) =
(0.044 + 0.868 * aat_B<7:0> / 255) * VDD_A
6
aat_B_6
0
5
aat_B_5
0
4
aat_B_4
0
3
aat_B_3
0
2
aat_B_2
0
1
aat_B_1
0
0
aat_B_0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com