Electronic Components Datasheet Search
  English  ▼

X  

BA792 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BA792
Description  Band-switching diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BA792 Datasheet(HTML) 2 Page - NXP Semiconductors

  BA792 Datasheet HTML 1Page - NXP Semiconductors BA792 Datasheet HTML 2Page - NXP Semiconductors BA792 Datasheet HTML 3Page - NXP Semiconductors BA792 Datasheet HTML 4Page - NXP Semiconductors BA792 Datasheet HTML 5Page - NXP Semiconductors BA792 Datasheet HTML 6Page - NXP Semiconductors BA792 Datasheet HTML 7Page - NXP Semiconductors BA792 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2002 Jun 12
2
Philips Semiconductors
Product specification
Band-switching diode
BA792
FEATURES
• Ceramic SMD package
• Low diode capacitance:
max. 1.1 pF
• Low diode forward resistance:
max. 0.7
Ω.
APPLICATIONS
• Low loss band-switching in VHF
television tuners
• Surface mount high-speed
switching circuits.
DESCRIPTION
Planar, high performance band-switching diode in a SOD110 very small
ceramic SMD package.
handbook, 4 columns
MAM139
ka
cathode mark
top view
side view
bottom view
ak
Fig.1 Simplified outline (SOD110) and symbol.
Marking code: L8.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Note
1. Guaranteed on AQL basis: inspection level S4, AQL 1.0.
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board measuring 11
× 25 × 1.6 mm.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VR
continuous reverse voltage
35
V
IF
continuous forward current
100
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 100 mA
1.1
V
IR
reverse current
VR = 20 V
10
nA
VR = 20 V; Tamb =75 °C1
µA
Cd
diode capacitance
VR = 3 V; f = 1 to 100 MHz; note 1
1.1
pF
rD
diode forward resistance
IF = 3 mA; f = 200 MHz; note 1
0.7
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
315
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com