Electronic Components Datasheet Search
  English  ▼

X  

BA792 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BA792
Description  Band-switching diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BA792 Datasheet(HTML) 3 Page - NXP Semiconductors

  BA792 Datasheet HTML 1Page - NXP Semiconductors BA792 Datasheet HTML 2Page - NXP Semiconductors BA792 Datasheet HTML 3Page - NXP Semiconductors BA792 Datasheet HTML 4Page - NXP Semiconductors BA792 Datasheet HTML 5Page - NXP Semiconductors BA792 Datasheet HTML 6Page - NXP Semiconductors BA792 Datasheet HTML 7Page - NXP Semiconductors BA792 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2002 Jun 12
3
Philips Semiconductors
Product specification
Band-switching diode
BA792
PACKAGE OUTLINE
UNIT
A
max.
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
1.6
D
2.10
1.90
y
0.1
E
1.40
1.10
DIMENSIONS (mm are the original dimensions)
SOD110
97-04-14
Very small ceramic rectangular surface mounted package
SOD110
cathode
identifier
A
2
1
D
y
E
0
0.5
1 mm
scale



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com