Electronic Components Datasheet Search
  English  ▼

X  

BCV62 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BCV62
Description  NPN general-purpose double transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV62 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BCV62 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BCV61
©
Nexperia B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2009
3 of 13
Nexperia
BCV61
NPN general-purpose double transistors
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB.
7.
Characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
[1] -
-
500
K/W
Table 7.
Characteristics
Tj =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Transistor TR1
ICBO
collector-base cut-off current
VCB =30V;
IE =0A
--15
nA
VCB =30V;
IE =0A;
Tj = 150 °C
--5
μA
IEBO
emitter-base cut-off current
VEB =5V;
IC =0A
-
-
100
nA
hFE
DC current gain
VCE =5V;
IC = 100 μA
100
-
-
VCE =5V;
IC =2mA
110
-
800
VCEsat
collector-emitter saturation
voltage
IC =10mA;
IB =0.5 mA
-
90
250
mV
IC = 100 mA;
IB =5mA
-
200
600
mV
VBEsat
base-emitter saturation voltage
IC =10mA;
IB =0.5 mA
[1] -
700
-
mV
IC = 100 mA;
IB =5mA
[1] -
900
-
mV
VBE
base-emitter voltage
IC =2mA;
VCE =5V
[2] 580
660
700
mV
IC =10mA;
VCE =5V
[2] -
-
770
mV
fT
transition frequency
VCE =5V;
IC =10mA;
f = 100 MHz
100
-
-
MHz
Cc
collector capacitance
VCB =10V;
IE =ie =0A;
f= 1MHz
-2.5
-pF
NF
noise figure
VCE =5V;
IC = 200 μA;
RS =2kΩ;
f= 1kHz;
B=200 Hz
--10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com