Electronic Components Datasheet Search
  English  ▼

X  

BCV62 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BCV62
Description  NPN general-purpose double transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV62 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BCV62 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCV62 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
NPN general-purpose double transistors in a small SOT143B Surface-Mounted
Device (SMD) plastic package.
1.2 Features
Low current (max. 100 mA)
Low voltage (max. 30 V)
Matched pairs
1.3 Applications
Applications with working point independent of temperature
Current mirrors
2.
Pinning information
BCV61
NPN general-purpose double transistors
Rev. 04 — 18 December 2009
Product data sheet
Table 1.
Product overview
Type number
Package
PNP complement
Nexperia
JEITA
BCV61
SOT143B
-
BCV62
BCV61A
BCV62A
BCV61B
BCV62B
BCV61C
BCV62C
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
collector TR2;
base TR1 and TR2
2
collector TR1
3emitter TR1
4emitter TR2
2
1
3
4
006aaa842
12
4
TR2
TR1
3


Similar Part No. - BCV62

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV62 PHILIPS-BCV62 Datasheet
51Kb / 8P
PNP general purpose double transistor
1999 Apr 08
logo
Siemens Semiconductor G...
BCV62 SIEMENS-BCV62 Datasheet
94Kb / 5P
PNP Silicon Double Transistors (To be used as a current mirror Good thermal coupling and VBE matching)
logo
Infineon Technologies A...
BCV62 INFINEON-BCV62 Datasheet
49Kb / 5P
PNP Silicon Double Transistor
Jul-11-2001Jul-11-2001
logo
NXP Semiconductors
BCV62 PHILIPS-BCV62 Datasheet
154Kb / 14P
PNP general-purpose double transistors
Rev. 4-26 July 2010
logo
Guangdong Kexin Industr...
BCV62 KEXIN-BCV62 Datasheet
104Kb / 3P
PNP general purpose double transistor
More results

Similar Description - BCV62

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63 Datasheet
46Kb / 8P
NPN general purpose double transistors
1999 May 21
PIMZ2 PHILIPS-PIMZ2 Datasheet
53Kb / 9P
NPN/PNP general-purpose double transistors
Rev. 05-24 November 2004
PUMX2 PHILIPS-PUMX2 Datasheet
55Kb / 8P
NPN/NPN general-purpose double transistors
Rev. 01-10 November 2005
PUMX2 NXP-PUMX2 Datasheet
103Kb / 8P
NPN/NPN general-purpose double transistors
Rev. 02-17 November 2009
BCV63 NXP-BCV63_10 Datasheet
127Kb / 12P
NPN general-purpose double transistors
Rev. 4-4 August 2010
BCV61 PHILIPS-BCV61_15 Datasheet
147Kb / 13P
NPN general-purpose double transistors
Rev. 04-18 December 2009
BCV63 PHILIPS-BCV63_15 Datasheet
127Kb / 12P
NPN general-purpose double transistors
Rev. 4-4 August 2010
logo
Nexperia B.V. All right...
BC817DS NEXPERIA-BC817DS Datasheet
209Kb / 7P
NPN/NPN general purpose double transistors
25 June 2019
BCV63 NEXPERIA-BCV63 Datasheet
949Kb / 12P
NPN general-purpose double transistors
Rev. 4 - 4 August 2010
PUMX2 NEXPERIA-PUMX2 Datasheet
218Kb / 9P
NPN/NPN general-purpose double transistors
Rev. 02 - 17 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com