Electronic Components Datasheet Search
  English  ▼

X  

TSB41AB21 Datasheet(PDF) 7 Page - Texas Instruments

Part # TSB41AB21
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB21 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSB41AB21 Datasheet HTML 3Page - Texas Instruments TSB41AB21 Datasheet HTML 4Page - Texas Instruments TSB41AB21 Datasheet HTML 5Page - Texas Instruments TSB41AB21 Datasheet HTML 6Page - Texas Instruments TSB41AB21 Datasheet HTML 7Page - Texas Instruments TSB41AB21 Datasheet HTML 8Page - Texas Instruments TSB41AB21 Datasheet HTML 9Page - Texas Instruments TSB41AB21 Datasheet HTML 10Page - Texas Instruments TSB41AB21 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
TYPE
I/O
DESCRIPTION
NAME
NO.
TYPE
I/O
DESCRIPTION
AGND
32, 33, 39,
48, 49, 50
Supply
−
Analog circuit ground terminals. These terminals should be tied together to the low impedance
circuit board ground plane.
AVDD
30, 31, 42,
51, 52
Supply
−
Analog circuit power terminals. A combination of high-frequency decoupling capacitors near each
terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. These supply terminals are separated from PLLVDD and
DVDD inside the device to provide noise isolation. They should be tied at a low-impedance point
on the circuit board.
C/LKON
19
CMOS
I/O
Bus manager contender programming input and link-on output. On hardware reset, this terminal
is used to set the default value of the contender status indicated during self-ID. Programming is
done by tying the terminal through a 10-k
Ω resistor to a high (contender) or low (not contender).
The resistor allows the link-on output to override the input. However, it is recommended that this
terminal should be programmed low, and that the contender status be set via the C register bit.
If the TSB41AB2 is used with an LLC that has a dedicated terminal for monitoring LKON and also
setting the contender status, then a 1-k
Ω series resistor should be placed on the LKON line
between the PHY and LLC to prevent bus contention.
Following hardware reset, this terminal is the link-on output, which is used to notify the LLC to
power up and become active. The link-on output is a square-wave signal with a period of
approximately 163 ns (8 SYSCLK cycles) when active. The link-on output is otherwise driven low,
except during hardware reset when it is high-impedance.
The link-on output is activated if the LLC is inactive (LPS inactive or the LCtrl bit cleared) and
when:
a) the PHY receives a link-on PHY packet addressed to this node, or
b) the PEI (port-event interrupt) register bit is 1, or
c) any of the CTOI (configuration-time-out interrupt), CPSI
(cable-power-status interrupt), or STOI (state-time-out interrupt)
register bits are 1 and the RPIE (resuming-port interrupt enable)
register bit is also 1.
Once activated, the link-on output continues active until the LLC becomes active (both LPS active
and the LCtrl bit set). The PHY also deasserts the link-on output when a bus reset occurs unless
the link-on output would otherwise be active because one of the interrupt bits is set (that is, the
link-on output is active due solely to the reception of a link-on PHY packet).
NOTE: If an interrupt condition exists which would otherwise cause the link-on output to be
activated if the LLC were inactive, the link-on output is activated when the LLC subsequently
becomes inactive.
CNA
3
CMOS
O
Cable-not-active output. This terminal is asserted high when there are no ports receiving
incoming bias voltage. CNA is not valid at initial power up, until a device hard reset is performed.
CPS
24
CMOS
I
Cable power status input. This terminal is normally connected to cable power through a 400-k
Ω
resistor. This circuit drives an internal comparator that is used to detect the presence of cable
power. This terminal should be tied directly to DGND through a 1-k
Ω resistor if application does
not require it to be used.
CTL0
CTL1
4
5
CMOS
I/O
Control I/Os. These bidirectional signals control communication between the TSB41AB2 and the
LLC. Bus holders are built into these terminals.
D0
D1
D2
D3
D4
D5
D6
D7
6
7
8
9
10
11
12
13
CMOS
I/O
Data I/Os. These are bidirectional data signals between the TSB41AB2 and the LLC. Bus holders
are built into these terminals.
DGND
17, 18, 63,
64
Supply
−
Digital circuit ground terminals. These terminals should be tied together to the low-impedance
circuit board ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com