Electronic Components Datasheet Search
  English  ▼

X  

TSB41AB21 Datasheet(PDF) 13 Page - Texas Instruments

Part # TSB41AB21
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB21 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TSB41AB21 Datasheet HTML 9Page - Texas Instruments TSB41AB21 Datasheet HTML 10Page - Texas Instruments TSB41AB21 Datasheet HTML 11Page - Texas Instruments TSB41AB21 Datasheet HTML 12Page - Texas Instruments TSB41AB21 Datasheet HTML 13Page - Texas Instruments TSB41AB21 Datasheet HTML 14Page - Texas Instruments TSB41AB21 Datasheet HTML 15Page - Texas Instruments TSB41AB21 Datasheet HTML 16Page - Texas Instruments TSB41AB21 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of operating conditions (unless otherwise
noted) (continued)
device
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
See Note 2
71
IDD
Supply current
See Note 3
69
mA
IDD
Supply current
See Note 4
59
mA
IDD(ULP)
Supply current, ultralow-power mode
VDD = 3.3 V, TA = 25°C,
Port disabled, PD = 0 V,
LPS = 0 V
150
µA
IDD(PD)
Supply current, power-down mode
PD = VDD,VDD = 3.3 V,
TA = 25°C
150
µA
V(TH)
Power status threshold, CPS input†
400-k
Ω resistor†
4.7
7.5
V
High-level output voltage, CTL0, CTL1,
VDD = 2.7 V, IOH = − 4 mA
2.2
VOH
High-level output voltage, CTL0, CTL1,
D0 − D7, CNA, C/LKON, SYSCLK outputs
VDD = 3 V to 3.6 V,
IOH = − 4 mA
2.8
V
VOL
Low-level output voltage, CTL0, CTL1,
D0 − D7, CNA, C/LKON, SYSCLK outputs
IOL = 4 mA
0.4
V
VOH(AJ)
High-level Annex J output voltage, CTL0,
CTL1, D0 − D7, C/LKON, SYSCLK outputs
Annex J: IOH = − 9 mA,
ISO = 0 V,
VDD ≥ 3 V
VDD−0.4
V
VOL(AJ)
Low-level Annex J output voltage, CTL0,
CTL1, D0−D7, C/LKON, SYSCLK outputs
Annex J: IOL = 9 mA,
ISO = 0 V,
VDD ≥ 3 V
0.4
V
I(BH+)
Positive peak bus holder current, D0 − D7,
CTL0 − CTL1, LREQ
ISO = 3.6 V,
VDD = 3.6 V,
VI = 0 V to VDD
0.05
1
mA
I(BH−)
Negative peak bus holder current,
D0 − D7, CTL0 − CTL1, LREQ
ISO = 3.6 V,
VDD = 3.6 V,
VI = 0 V to VDD
−1.0
−0.05
mA
II
Input current, LREQ, LPS, PD, TESTM,
SM, PC0 – PC2 inputs
ISO = 0 V,
VDD = 3.6 V
5
µA
IOZ
Off-state output current, CTL0, CTL1,
D0 – D7, C/LKON I/Os
VO = VDD or 0 V
±5
µA
I(IRST)
Pullup current, RESET input
VI = 1.5 V or 0 V
−90
−20
µA
I(SE_Pd)
Pulldown current, SE input
VI = VDD/2 or VDD
5
50
µA
VIT+
Positive input threshold voltage, LREQ,
CTL0, CTL1, D0 – D7 inputs
ISO = 0 V,
VDD = 3V to 3.6 V
VDD/2+0.3
VDD/2+0.9
V
VIT+
Positive input threshold voltage, LPS
inputs
ISO = 0 V, VDD = 3 V to 3.6 V
Vref = 0.42 VDD
VREF+1
V
VIT −
Negative input threshold voltage, LREQ,
CTL0, CTL1, D0 – D7 inputs
ISO= 0 V,
VDD = 3 V to 3.6 V
VDD/2−0.9
VDD/2−0.3
V
VIT −
Negative input threshold voltage, LPS
inputs
ISO= 0 V,
Vref = 0.42 VDD,
VDD = 3 V to 3.6 V
Vref+0.2
V
VO
TPBIAS output voltage‡
At rated IO current
1.665
2.015
V
† Measured at cable power side of resistor
‡ TPBIAS is close to VDD when the port is not connected.
NOTES:
2. Transmit maximum packet (all ports transmitting maximum size isochronous packet – 4096 bytes, sent on every isochronous
interval, S400, data value of CCCCCCCCh), VDD = 3.3 V, TA = 25°C.
3. Repeat typical packet (receiving on one port DV packets on every isochronous interval, S100, and transmitting on the other port),
VDD = 3.3 V, TA = 25°C.
4. Idle (one port receiving and one port transmitting cycle starts), VDD = 3.3 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com