Electronic Components Datasheet Search
  English  ▼

X  

AT25DF011 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # AT25DF011
Description  1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 Datasheet(HTML) 5 Page - Renesas Technology Corp

  AT25DF011 Datasheet HTML 1Page - Renesas Technology Corp AT25DF011 Datasheet HTML 2Page - Renesas Technology Corp AT25DF011 Datasheet HTML 3Page - Renesas Technology Corp AT25DF011 Datasheet HTML 4Page - Renesas Technology Corp AT25DF011 Datasheet HTML 5Page - Renesas Technology Corp AT25DF011 Datasheet HTML 6Page - Renesas Technology Corp AT25DF011 Datasheet HTML 7Page - Renesas Technology Corp AT25DF011 Datasheet HTML 8Page - Renesas Technology Corp AT25DF011 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
AT25DF011
DS-25DF011–032I–03/2022
4.
Memory Array
To provide the greatest flexibility, the memory array of the AT25DF011 can be erased in three levels of granularity
including a full chip erase. The size of the erase blocks is optimized for both code and data storage applications, allowing
both code and data segments to reside in their own erase regions. The Memory Architecture Diagram illustrates the
breakdown of each erase level.
Figure 4-1. Memory Architecture Diagram
5.
Device Operation
The AT25DF011 is controlled by a set of instructions that are sent from a host controller, commonly referred to as the SPI
Master. The SPI Master communicates with the AT25DF011 via the SPI bus which is comprised of four signal lines: Chip
Select (CS), Serial Clock (SCK), Serial Input (SI), and Serial Output (SO).
The SPI protocol defines a total of four modes of operation (mode 0, 1, 2, or 3) with each mode differing in respect to the
SCK polarity and phase and how the polarity and phase control the flow of data on the SPI bus. The AT25DF011
supports the two most common modes, SPI Modes 0 and 3. The only difference between SPI Modes 0 and 3 is the
polarity of the SCK signal when in the inactive state (when the SPI Master is in standby mode and not transferring any
data). With SPI Modes 0 and 3, data is always latched in on the rising edge of SCK and always output on the falling edge
of SCK.
32KB
4KB
1-256 Byte
Block Erase
Block Erase
Page Program
(52h Command)
(20h Command)
(02h Command)
4KB
01FFFFh – 01F000h
256 Bytes
01FFFFh – 01FF00h
4KB
01EFFFh – 01E000h
256 Bytes
01FEFFh – 01FE00h
4KB
01DFFFh – 01D000h
256 Bytes
01FDFFh – 01FD00h
4KB
01CFFFh – 01C000h
256 Bytes
01FCFFh – 01FC00h
4KB
01BFFFh – 01B000h
256 Bytes
01FBFFh – 01FB00h
4KB
01AFFFh – 01A000h
256 Bytes
01FAFFh – 01FA00h
4KB
019FFFh – 019000h
256 Bytes
01F9FFh – 01F900h
4KB
018FFFh – 018000h
256 Bytes
01F8FFh – 01F800h
4KB
017FFFh – 017000h
256 Bytes
01F7FFh – 01F700h
4KB
016FFFh – 016000h
256 Bytes
01F6FFh – 01F600h
4KB
015FFFh – 015000h
256 Bytes
01F5FFh – 01F500h
4KB
014FFFh – 014000h
256 Bytes
01F4FFh – 01F400h
4KB
013FFFh – 013000h
256 Bytes
01F3FFh – 01F300h
4KB
012FFFh – 012000h
256 Bytes
01F2FFh – 01F200h
4KB
011FFFh – 011000h
256 Bytes
01F1FFh – 01F100h
4KB
010FFFh – 010000h
4KB
00FFFFh – 00F000h
4KB
00EFFFh – 00E000h
256 Bytes
000EFFh – 000E00h
4KB
00DFFFh – 00D000h
256 Bytes
000DFFh – 000D00h
4KB
00CFFFh – 00C000h
256 Bytes
000CFFh – 000C00h
4KB
00BFFFh – 00B000h
256 Bytes
000BFFh – 000B00h
4KB
00AFFFh – 00A000h
256 Bytes
000AFFh – 000A00h
4KB
009FFFh – 009000h
256 Bytes
0009FFh – 000900h
4KB
008FFFh – 008000h
256 Bytes
0008FFh – 000800h
4KB
4KB
4KB
4KB
004FFFh – 004000h
256 Bytes
0004FFh – 000400h
4KB
003FFFh – 003000h
256 Bytes
0003FFh – 000300h
4KB
002FFFh – 002000h
256 Bytes
0002FFh – 000200h
4KB
001FFFh – 001000h
256 Bytes
0001FFh – 000100h
4KB
000FFFh – 000000h
256 Bytes
0000FFh – 000000h
Block Erase Detail
Page Program Detail
Page Address
Block Address
32KB
32KB
Range
Range
32KB
32KB
007FFFh – 007000h
256 Bytes
0007FFh – 000700h
006FFFh – 006000h
256 Bytes
0006FFh – 000600h
005FFFh – 005000h
256 Bytes
0005FFh – 000500h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com