Electronic Components Datasheet Search
  English  ▼

X  

AT25DF011 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # AT25DF011
Description  1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF011 Datasheet(HTML) 1 Page - Renesas Technology Corp

  AT25DF011 Datasheet HTML 1Page - Renesas Technology Corp AT25DF011 Datasheet HTML 2Page - Renesas Technology Corp AT25DF011 Datasheet HTML 3Page - Renesas Technology Corp AT25DF011 Datasheet HTML 4Page - Renesas Technology Corp AT25DF011 Datasheet HTML 5Page - Renesas Technology Corp AT25DF011 Datasheet HTML 6Page - Renesas Technology Corp AT25DF011 Datasheet HTML 7Page - Renesas Technology Corp AT25DF011 Datasheet HTML 8Page - Renesas Technology Corp AT25DF011 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
DS-25DF011–032I–03/2022
Features
Single 1.65V - 3.6V Supply
Serial Peripheral Interface (SPI) Compatible
Supports SPI Modes 0 and 3
Supports Dual Output Read
104MHz Maximum Operating Frequency
Clock-to-Output (tV) of 6 ns
Flexible, Optimized Erase Architecture for Code + Data Storage Applications
Small (256-Byte) Page Erase
Uniform 4-Kbyte Block Erase
Uniform 32-Kbyte Block Erase
Full Chip Erase
Hardware Controlled Locking of Protected Sectors via WP Pin
128-byte, One-Time Programmable (OTP) Security Register
64 bytes factory programmed with a unique identifier
64 bytes user programmable
Flexible Programming
Byte/Page Program (1 to 256 Bytes)
Fast Program and Erase Times
1.5ms Typical Page Program (256 Bytes) Time
50ms Typical 4-Kbyte Block Erase Time
350ms Typical 32-Kbyte Block Erase Time
Automatic Checking and Reporting of Erase/Program Failures
Software Controlled Reset
JEDEC Standard Manufacturer and Device ID Read Methodology
Low Power Dissipation
200nA Ultra Deep Power Down current (Typical)
5µA Deep Power-Down Current (Typical)
25uA Standby current (Typical)
4.5mA Active Read Current (Typical)
Endurance: 100,000 Program/Erase Cycles
Data Retention: 20 Years
Temperature Range:-10°C to +85°C (1.65V to 3.6V), -40°C to +85° (1.7V to 3.6V)
Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
8-lead SOIC (150-mil)
8-pad Ultra Thin DFN (2 x 3 x 0.6 mm)
8-lead TSSOP Package
AT25DF011
1-Mbit, 1.65V Minimum
SPI Serial Flash Memory with Dual-Read Support


Similar Part No. - AT25DF011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DF011 ETC2-AT25DF011 Datasheet
1Mb / 39P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DF011 ETC2-AT25DF011 Datasheet
437Kb / 7P
Bios Flash Product Family
logo
Dialog Semiconductor
AT25DF011 DIALOG-AT25DF011 Datasheet
485Kb / 3P
1-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF011 RENESAS-AT25DF011 Datasheet
1Mb / 50P
1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
2023-11-14
AT25DF011-DWF 2 RENESAS-AT25DF011-DWF 2 Datasheet
1Mb / 50P
1-Mbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
2023-11-14
More results

Similar Description - AT25DF011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DF011 ETC2-AT25DF011 Datasheet
1Mb / 39P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-I/O Support
AT25DN011 ETC2-AT25DN011 Datasheet
1Mb / 42P
1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Dialog Semiconductor
AT25DF256 DIALOG-AT25DF256 Datasheet
1Mb / 43P
256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25DF512C DIALOG-AT25DF512C Datasheet
1Mb / 43P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25DN011 DIALOG-AT25DN011 Datasheet
1Mb / 42P
1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25XE011 DIALOG-AT25XE011 Datasheet
1Mb / 42P
1-Mbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
AT25XE512C DIALOG-AT25XE512C Datasheet
1Mb / 42P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
logo
Renesas Technology Corp
AT25DF256 RENESAS-AT25DF256 Datasheet
2Mb / 42P
256-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
AT25DN011 RENESAS-AT25DN011 Datasheet
2Mb / 41P
1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
AT25XE512C RENESAS-AT25XE512C Datasheet
2Mb / 41P
512-Kbit, 1.65V Minimum SPI Serial Flash Memory with Dual-Read Support
02/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com