Electronic Components Datasheet Search
  English  ▼

X  

AT25QL128A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # AT25QL128A
Description  1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL128A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button AT25QL128A Datasheet HTML 9Page - Renesas Technology Corp AT25QL128A Datasheet HTML 10Page - Renesas Technology Corp AT25QL128A Datasheet HTML 11Page - Renesas Technology Corp AT25QL128A Datasheet HTML 12Page - Renesas Technology Corp AT25QL128A Datasheet HTML 13Page - Renesas Technology Corp AT25QL128A Datasheet HTML 14Page - Renesas Technology Corp AT25QL128A Datasheet HTML 15Page - Renesas Technology Corp AT25QL128A Datasheet HTML 16Page - Renesas Technology Corp AT25QL128A Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
DS-AT25QL128A-129 Rev. G
Page 13
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL128A Datasheet
5.
Device Operation
5.1
Standard SPI Operation
The AT25QL128A features a serial peripheral interface on four signals: Serial Clock (SCK). Chip Select (CS),
Serial Data Input (SI) and Serial Data Output (SO). Standard SPI commands use the SI input pin to serially write
commands, addresses or data to the device on the rising edge of SCK. The SO output pin is used to read data or
status from the device on the falling edge of SCK.
SPI bus operation Modes 0 (0, 0) and 3 (1, 1) are supported. The primary difference between Mode 0 and
Mode 3 is the normal state of the SCK signal when the SPI bus master is in standby and data is not being
transferred to the Serial Flash. For Mode 0 the SCK signal is normally low on the falling and rising edges of
CS. For Mode 3 the SCK signal is normally high on the falling and rising edges of CS.
5.2
Dual SPI Operation
The AT25QL128A supports Dual SPI operation. This command allows data to be transferred to, or from, the
device at two times the rate of the standard SPI. The Dual Read command is ideal for quickly downloading code
to RAM upon power-up (code-shadowing) or for executing non-speed-critical code directly from the SPI bus
(XIP). When using Dual SPI commands the SI and SO pins become bidirectional I/0 pins; IO0 and IO1.
5.3
Quad SPI Operation
The AT25QL128A supports Quad SPI operation. This command allows data to be transferred to, or from, the
device at four times the rate of the standard SPI. The Quad Read command offers a significant improvement
in continuous and random access transfer rates allowing fast code-shadowing to RAM or execution directly from
the SPI bus (XIP). When using Quad SPI command the SI and SO pins become bidirectional IO0 and IO1, and
the WP and HOLD pins become IO2 and IO3 respectively. Quad SPI commands require the non-volatile Quad
Enable bit (QE) in Status Register-2 to be set.
5.4
QPI Operation
The AT25QL128A supports Quad Peripheral Interface (QPI) operation when the device is switched from
Standard/ Dual/ Quad SPI mode to QPI mode using the Enable QPI (38h) command. To enable QPI mode, the
non-volatile Quad Enable bit (QE) in Status Register-2 is required to be set. When using QPI commands, the SI
and SO pins become bidirectional IO0 and IO1, and the WP and HOLD pins become IO2 and IO3, respectively.
The typical SPI protocol requires that the byte-long command code is shifted into the device only through the SI
pin in eight serial clocks. The QPI mode uses all four IO pins to input the command code; thus, only two serial
clocks are required. This can significantly reduce the SPI command overhead and improve system performance
in an XIP environment. Standard / Dual / Quad SPI mode and QPI mode are exclusive. Only one mode can be
active at any given time, the Enable QPI and Disable QPI/ Disable QPI 2 commands are used to switch between
these two modes. Upon power-up, or after software reset using Reset (99h) command, the default state of the
device is Standard / Dual / Quad SPI mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com