Electronic Components Datasheet Search
  English  ▼

X  

AT25QL128A Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # AT25QL128A
Description  1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL128A Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button AT25QL128A Datasheet HTML 10Page - Renesas Technology Corp AT25QL128A Datasheet HTML 11Page - Renesas Technology Corp AT25QL128A Datasheet HTML 12Page - Renesas Technology Corp AT25QL128A Datasheet HTML 13Page - Renesas Technology Corp AT25QL128A Datasheet HTML 14Page - Renesas Technology Corp AT25QL128A Datasheet HTML 15Page - Renesas Technology Corp AT25QL128A Datasheet HTML 16Page - Renesas Technology Corp AT25QL128A Datasheet HTML 17Page - Renesas Technology Corp AT25QL128A Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 85 page
background image
DS-AT25QL128A-129 Rev. G
Page 14
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL128A Datasheet
6.
Write Protection
To protect inadvertent writes by noise, several means of protection are applied to the Flash memory.
6.1
Write Protect Features
▪ During power-on reset, all operations are disabled, and no command is recognized.
▪ An internal time delay of tPUW can protect the data against inadvertent changes while the power supply is
outside the operating specification. This includes the Write Enable, Page program, Block Erase, Chip Erase,
Write Security Register, and Write Status Register commands.
▪ For data changes, the Write Enable command must be issued to set the Write Enable Latch (WEL) bit to
0. Power-up, completion of the Write Disable, Write Status Register, Page Program, Block Erase, and Chip
Erase commands are must meet this condition.
▪ Setting the Status Register protect (SRP) and Block protect (SEC, TB, BP2, BP1, and BP0) bits, a portion of
memory can be configured as read only; this is called software protection.
▪ The Write Protect (WP) pin can change the Status Register under hardware control.
▪ The Deep Power-Down mode provides extra protection from unexpected data changes because all commands
are ignored in this mode except for the Release Deep Power-Down command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com