Electronic Components Datasheet Search
  English  ▼

X  

70V07 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 70V07
Description  HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V07 Datasheet(HTML) 1 Page - Renesas Technology Corp

  70V07 Datasheet HTML 1Page - Renesas Technology Corp 70V07 Datasheet HTML 2Page - Renesas Technology Corp 70V07 Datasheet HTML 3Page - Renesas Technology Corp 70V07 Datasheet HTML 4Page - Renesas Technology Corp 70V07 Datasheet HTML 5Page - Renesas Technology Corp 70V07 Datasheet HTML 6Page - Renesas Technology Corp 70V07 Datasheet HTML 7Page - Renesas Technology Corp 70V07 Datasheet HTML 8Page - Renesas Technology Corp 70V07 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
JULY 2019
DSC 2943/11
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
Address
Decoder
I/O
Control
R/
WL
CEL
OEL
BUSYL
A14L
A0L
2943 drw 01
I/O0L-I/O7L
CEL
OEL
R/
WL
SEML
I
NTL
M/
S
BUSYR
I/O0R-I/O7R
A14R
A0R
SEMR
INTR
CER
OER
(2)
(1,2)
(1,2)
(2)
R/
WR
CER
OER
15
15
R/
WR
,
70V07S/L
HIGH-SPEED 3.3V
32K x 8 DUAL-PORT
STATIC RAM
Features
◆
◆
◆
◆
◆
True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆
◆
◆
◆
◆
High-speed access
– Commercial: 25/35/55ns (max.)
– Industrial: 35ns (max.)
◆
◆
◆
◆
◆
Low-power operation
– IDT70V07S
Active: 300mW (typ.)
Standby: 3.3mW (typ.)
– IDT70V07L
Active: 300mW (typ.)
Standby: 660
μW (typ.)
◆
◆
◆
◆
◆
Interrupt Flag
◆
◆
◆
◆
◆
IDT70V07 easily expands data bus width to 16 bits or more
using the Master/Slave select when cascading more than
one device
◆
◆
◆
◆
◆
M/S = VIH for BUSY output flag on Master
M/S = VIL for BUSY input on Slave
◆
◆
◆
◆
◆
On-chip port arbitration logic
◆
◆
◆
◆
◆
Full on-chip hardware support of semaphore signaling
between ports
◆
◆
◆
◆
◆
Fully asynchronous operation from either port
◆
◆
◆
◆
◆
TTL-compatible, single 3.3V (±0.3V) power supply
◆
◆
◆
◆
◆
Available in 68-pin PGA and a 80-pin TQFP
◆
Industrial temperature range (-40°C to +85°C) is available
for selected speeds
◆
Green parts available, see ordering information
Functional Block Diagram
NOTES:
1. (MASTER): BUSY is output; (SLAVE): BUSY is input.
2. BUSY and INT outputs are non-tri-stated push-pull.


Similar Part No. - 70V07

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V07L25GG IDT-70V07L25GG Datasheet
163Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07L25GG IDT-70V07L25GG Datasheet
182Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07L25GG8 IDT-70V07L25GG8 Datasheet
163Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07L25GG8 IDT-70V07L25GG8 Datasheet
182Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
70V07L25GGI IDT-70V07L25GGI Datasheet
163Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V07

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_13 Datasheet
163Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V27 RENESAS-70V27 Datasheet
339Kb / 22P
HIGH-SPEED 3.3V 32K x 16 DUAL-PORT STATIC RAM
JANUARY 2019
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com