Electronic Components Datasheet Search
  English  ▼

X  

70V07 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 70V07
Description  HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V07 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 70V07 Datasheet HTML 9Page - Renesas Technology Corp 70V07 Datasheet HTML 10Page - Renesas Technology Corp 70V07 Datasheet HTML 11Page - Renesas Technology Corp 70V07 Datasheet HTML 12Page - Renesas Technology Corp 70V07 Datasheet HTML 13Page - Renesas Technology Corp 70V07 Datasheet HTML 14Page - Renesas Technology Corp 70V07 Datasheet HTML 15Page - Renesas Technology Corp 70V07 Datasheet HTML 16Page - Renesas Technology Corp 70V07 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
70V07S/L
High-Speed 32K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
NOTE:
1. 'X' in part number indicates power rating (S or L).
Waveform of Interrupt Timing(1)
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(1)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either the left or right port. Port “B” is the port opposite from port “A”.
2. See Interrupt Truth Table III.
3. Timing depends on which enable signal (CE or R/W) is asserted last.
4. Timing depends on which enable signal (CE or R/W) is de-asserted first.
70V07X25
Com'l
& Ind
70V07X35
Com'l
& Ind
70V07X55
Com'l Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
INTERRUPT TIMING
tAS
Address Set-up Time
0
____
0
____
0
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tINS
Interrupt Set Time
____
25
____
30
____
40
ns
tINR
Interrupt Reset Time
____
30
____
35
____
45
ns
2043 tbl 14
2943 drw 17
ADDR"A"
INTERRUPT SET ADDRESS
CE"A"
R/
W"A"
tAS
tWC
tWR
(3)
(4)
tINS
(3)
INT"B"
(2)
2943 drw 18
ADDR"B"
INTERRUPT CLEAR ADDRESS
CE"B"
OE"B"
tAS
tRC
(3)
tINR
(3)
INT"B"
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com