Electronic Components Datasheet Search
  English  ▼

X  

70V08 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 70V08
Description  HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V08 Datasheet(HTML) 1 Page - Renesas Technology Corp

  70V08 Datasheet HTML 1Page - Renesas Technology Corp 70V08 Datasheet HTML 2Page - Renesas Technology Corp 70V08 Datasheet HTML 3Page - Renesas Technology Corp 70V08 Datasheet HTML 4Page - Renesas Technology Corp 70V08 Datasheet HTML 5Page - Renesas Technology Corp 70V08 Datasheet HTML 6Page - Renesas Technology Corp 70V08 Datasheet HTML 7Page - Renesas Technology Corp 70V08 Datasheet HTML 8Page - Renesas Technology Corp 70V08 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
MAY 2019
DSC-3740/11
I/O
Control
Address
Decoder
64Kx8
MEMORY
ARRAY
70V08
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
CE 0L
OEL
R/
W L
A15L
A0L
I/O 0-7L
A15L
A 0L
SEML
I
NTL
(2)
BUSYL
(1,2)
R/
W L
CE0L
OE
L
I/O
Control
Address
Decoder
OE
R
R/
WR
CE0R
A15R
A 0R
A15R
A 0R
I/O 0-7R
SEMR
INT R
(2)
R
BUSY
(1,2)
M/
S
(1)
CE1L
R/
WR
CE0R
OER
CE1R
3740 drw 01
1L
CE
1R
CE
Functional Block Diagram
◆
◆
◆
◆
◆
M/S = VIH for BUSY output flag on Master,
M/S = VIL for BUSY input on Slave
◆
◆
◆
◆
◆
Busy and Interrupt Flags
◆
◆
◆
◆
◆
On-chip port arbitration logic
◆
◆
◆
◆
◆
Full on-chip hardware support of semaphore signaling
between ports
◆
◆
◆
◆
◆
Fully asynchronous operation from either port
◆
◆
◆
◆
◆
LVTTL-compatible, single 3.3V (±0.3V) power supply
◆
◆
◆
◆
◆
Available in a 100-pin TQFP
◆
◆
◆
◆
◆
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆
Green parts available, see ordering information
Features
◆
◆
◆
◆
◆
True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆
◆
◆
◆
◆
High-speed access
– Commercial:15ns(max.)
– Industrial: 20ns (max.)
◆
◆
◆
◆
◆
Low-power operation
– IDT70V08L
Active: 550mW (typ.)
Standby: 1mW (typ.)
◆
◆
◆
◆
◆
Dual chip enables allow for depth expansion without
external logic
◆
◆
◆
◆
◆
IDT70V08 easily expands data bus width to 16 bits or
more using the Master/Slave select when cascading more
than one device
HIGH-SPEED 3.3V
64K x 8 DUAL-PORT
STATIC RAM
70V08L
NOTES:
1. BUSY is an input as a Slave (M/S-VIL) and an output when it is a Master (M/S-VIH).
2. BUSY and INT are non-tri-state totem-pole outputs (push-pull).


Similar Part No. - 70V08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V08L15PFG IDT-70V08L15PFG Datasheet
662Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
70V08L15PFG IDT-70V08L15PFG Datasheet
198Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
70V08L15PFG8 IDT-70V08L15PFG8 Datasheet
662Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
70V08L15PFG8 IDT-70V08L15PFG8 Datasheet
198Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
70V08L15PFGI IDT-70V08L15PFGI Datasheet
662Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 70V08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S Datasheet
167Kb / 19P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L Datasheet
152Kb / 17P
HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L_15 Datasheet
655Kb / 17P
HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com