Electronic Components Datasheet Search
  English  ▼

X  

70V08 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 70V08
Description  HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V08 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 70V08 Datasheet HTML 14Page - Renesas Technology Corp 70V08 Datasheet HTML 15Page - Renesas Technology Corp 70V08 Datasheet HTML 16Page - Renesas Technology Corp 70V08 Datasheet HTML 17Page - Renesas Technology Corp 70V08 Datasheet HTML 18Page - Renesas Technology Corp 70V08 Datasheet HTML 19Page - Renesas Technology Corp 70V08 Datasheet HTML 20Page - Renesas Technology Corp 70V08 Datasheet HTML 21Page - Renesas Technology Corp 70V08 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
70V08L
High-Speed 3.3V 64K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
TheIDTlogoisaregisteredtrademarkofIntegratedDeviceTechnology,Inc.
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-284-2794
San Jose, CA 95138
fax: 408-284-2775
DualPortHelp@idt.com
www.idt.com
03/24/04:
Page 5 Corrected the IDD 15ns commercial lower power value to 225mA in the DC Electrical Characteristics table
10/29/08:
Page 20 Removed "IDT" from orderable part number
08/06/09:
Page 1 Addedgreenavailabilitytofeatures
Page 20 Addedgreenindicatortoorderinginformation
02/27/15:
Page 2 RemovedIDTinreferencetofabrication
Page 7 Added footnote "5. Refer to Chip Enable Truth Table" to AC Elec Chars Read Cycle Tables
Page 2&20 The package code changed from PN100-1 to PN100 to match standard package codes
Page 20 AddedT&RindicatorstoOrderingInformation
11/28/17:
Product Discontinuation Notice - PDN# SP-17-02
Last time buy expires June 15, 2018
Page 1 Updated Commercial speed grade offering in Features
Page 2 Changed diagram for the PNG100 pin configuration by rotating package pin labels and pin numbers
90 degrees counter clockwise to reflect pin 1 orientation and added pin 1 dot at pin 1
Aligned the top and bottom pin labels in the standard direction
Added IDT logo to the PNG100 pin configuration and changed the text to be in alignment with new diagram marking specs
UpdatedfootnotereferenceforPNG100
Page 2 & 20 The package code PN100 changed to PNG100 to match standard package code
Page 20 Updated Commercial speed grade offering in the Ordering Information
Page 20 Revised LEAD FINISH note to indicate Obsolete
Added Orderable Part Information
Datasheet Document History
3/15/99:
Initiateddatasheetdocumenthistory
Converted to new format
Cosmetic and typographical corrections
Page 2 Addedadditionalnotestopinconfigurations
Added 15ns speed grade
06/09/99:
Changed drawing format
11/10/99:
Replaced IDT logo
01/12/01:
Page 3 Increasedstoragetemperatureparameter
ClarifiedTAparameter
Page 5 DCElectricparameters–changedwordingfromopentodisabled
Page 18 Added IV to Truth Table in first paragraph
Changed ±200mV to 0mV in notes
RemovedPreliminarystatus
12/03/01:
Page 2 Addeddaterevisiontopinconfigurations
Page 2, 3, 5 & 6 Changed naming conventions from Vcc to VDD and from GND to Vss
Page 5 Addedindustrialtempfor20nsspeedtoDCElectricalCharacteristics
Page 7, 9, 12 & 15 Addedindustrialtempto20nsspeedtoACElectricalCharacteristics
Page 20 Addedindustrialtempto20nsandadded3.3Vspecificationtoorderinginformation
Page 1 & 20 Replaced TM logo with ® logo
05/30/19:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com