Electronic Components Datasheet Search
  English  ▼

X  

70V37L Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 70V37L
Description  HIGH-SPEED 3.3V 32K x 18 DUAL-PORT STATIC RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70V37L Datasheet(HTML) 2 Page - Renesas Technology Corp

  70V37L Datasheet HTML 1Page - Renesas Technology Corp 70V37L Datasheet HTML 2Page - Renesas Technology Corp 70V37L Datasheet HTML 3Page - Renesas Technology Corp 70V37L Datasheet HTML 4Page - Renesas Technology Corp 70V37L Datasheet HTML 5Page - Renesas Technology Corp 70V37L Datasheet HTML 6Page - Renesas Technology Corp 70V37L Datasheet HTML 7Page - Renesas Technology Corp 70V37L Datasheet HTML 8Page - Renesas Technology Corp 70V37L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
6.42
70V37L
High-Speed 3.3V 32K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
2
Description
TheIDT70V37isahigh-speed32Kx18Dual-PortStaticRAM. The
IDT70V37 is designed to be used as a stand-alone 576K-bit
Dual-PortRAMorasacombinationMASTER/SLAVEDual-PortRAMfor
36-bit-or-more word system. Using the IDT MASTER/SLAVE
Dual-PortRAMapproachin36-bitorwidermemorysystemapplications
resultsinfull-speed,error-freeoperationwithouttheneedforadditional
discretelogic.
This device provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent,asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
feature controlled by the chip enables (either CE0 or CE1)
permittheon-chipcircuitryofeachporttoenteraverylowstandbypower
mode.
Fabricated using CMOS high-performance technology, these de-
vices typically operate on only 440mW of power. The IDT70V37 is
packaged in a 100-pin Thin Quad Flatpack (TQFP).
NOTES:
1. All VDD pins must be connected to power supply.
2. All VSS pins must be connected to ground.
3. Package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
Pin Configurations(1,2,3)
1
2
3
4
5
6
7
8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
I/O10R
4851 drw 02
I/O5R
I/O4R
I/O3R
I/O2R
I/O0R
I/O0L
VSS
I/O2L
I/O4L
I/O5L
I/O6L
I/O7L
I/O3L
I/O1R
I/O7R
I/O8R
I/O9R
I/O8L
I/O9L
I/O6R
A7R
A8L
A7L
A6R
A5R
A4R
A3R
A2R
A1R
A0R
INTR
BUSYR
M/
S
BUSYL
INTL
A0L
A2L
A3L
A5L
A6L
A1L
A4L
VSS
VDD
I/O1L
VDD
VDD
70V37
PNG100(4)
100-Pin TQFP
Top View
VSS
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com