Electronic Components Datasheet Search
  English  ▼

X  

A6727B Datasheet(PDF) 1 Page - STMicroelectronics

Part # A6727B
Description  Automotive single-phase PWM controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727B Datasheet(HTML) 1 Page - STMicroelectronics

  A6727B Datasheet HTML 1Page - STMicroelectronics A6727B Datasheet HTML 2Page - STMicroelectronics A6727B Datasheet HTML 3Page - STMicroelectronics A6727B Datasheet HTML 4Page - STMicroelectronics A6727B Datasheet HTML 5Page - STMicroelectronics A6727B Datasheet HTML 6Page - STMicroelectronics A6727B Datasheet HTML 7Page - STMicroelectronics A6727B Datasheet HTML 8Page - STMicroelectronics A6727B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
•
AEC Q100 qualified grade 1
•
Flexible power supply from 5 V to 12 V
•
Power conversion input as low as 1.5 V
•
± 1.5 % output voltage accuracy
•
High-current integrated drivers
•
Adjustable output voltage
•
0.8 V internal reference
•
Simple voltage mode control loop
•
Sensorless and programmable OCP across
•
Low-side RDS(on)
•
Oscillator internally fixed at 300 kHz
•
Internal soft-start
•
LS-less to manage pre-bias startup
•
Disable function
•
OV/UV protection
•
FB disconnection protection
•
SO-8 package
Applications
•
Dedicated to automotive applications
Description
The A6727B is a single-phase step-down controller with integrated high-current
drivers that provides complete control logic, protection and reference voltage to
realize a general DC-DC converter by using a compact SO-8 package. The device
flexibility allows the management of conversions with power input VIN as low as 1.5 V
and device supply voltage in the range of 5 V to 12 V.
The A6727B provides simple control loop with voltage mode error-amplifier. The
integrated 0.8 V reference allows the regulation of output voltages with ±1.5 %
accuracy over temperature variations. The oscillator is internally fixed to 300 kHz.
The A6727B provides programmable overcurrent protection as well as over and
undervoltage protection. The current information is monitored across the low-side
MOSFET RDS(on) saving the use of expensive and space-consuming sense resistors
while output voltage is monitored through FB pin.
FB disconnection protection prevents excessive and dangerous output voltages from
floating FB pin.
SO-8
Maturity status link
A6727B
Automotive single-phase PWM controller
A6727B
Datasheet
DS14159 - Rev 2 - March 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - A6727B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6727 STMICROELECTRONICS-A6727 Datasheet
1Mb / 29P
Adjustable output voltage
15-Jul-2013
More results

Similar Description - A6727B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
Single phase PWM controller
26-Oct-2006
L6727 STMICROELECTRONICS-L6727 Datasheet
459Kb / 22P
Single phase PWM controller
06-Jun-2007
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
Single phase PWM controller
30-Jul-2007
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
Single phase PWM controller
23-Mar-2010
L6727 STMICROELECTRONICS-L6727_10 Datasheet
980Kb / 34P
Single phase PWM controller
23-Mar-2010
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A_14 Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
RT8172A RICHTEK-RT8172A Datasheet
494Kb / 40P
Dual Single-Phase PWM Controller
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com