Electronic Components Datasheet Search
  English  ▼

X  

A6727B Datasheet(PDF) 17 Page - STMicroelectronics

Part # A6727B
Description  Automotive single-phase PWM controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6727B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button A6727B Datasheet HTML 13Page - STMicroelectronics A6727B Datasheet HTML 14Page - STMicroelectronics A6727B Datasheet HTML 15Page - STMicroelectronics A6727B Datasheet HTML 16Page - STMicroelectronics A6727B Datasheet HTML 17Page - STMicroelectronics A6727B Datasheet HTML 18Page - STMicroelectronics A6727B Datasheet HTML 19Page - STMicroelectronics A6727B Datasheet HTML 20Page - STMicroelectronics A6727B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
10.2
Output capacitors
Output capacitor choice depends on the output voltage ripple and the output voltage deviation during a load
transient.
During steady-state conditions, the output voltage ripple is influenced by both ESR and capacitive value of the
output capacitors as follows:
ΔVOUT_ESR=ΔIL⋅ESR
(9)
ΔVOUT_C=ΔIL⋅ 1
8⋅COUT⋅FSW
(10)
Where ΔIL is the inductor current ripple. Since they are not in phase, the total ripple is lower than the sum of their
modules. Both ESL and board parasitic inductance can contribute to the output ripple significantly.
During a load variation, the output capacitors supply the load with the current or absorb the current in excess
delivered by the inductor until converter reaction is completed. In fact, even if the controller reacts immediately to
the load transient saturating the duty cycle to 80% or 0%, the current slew rate is limited by the inductance.
The output voltage drop, based on ESR and capacitive charge/discharge and considering an ideal load-step, can
be estimated as follows:
ΔVOUT_ESR=ΔIOUT⋅ESR
(11)
ΔVOUT_C= L⋅ΔIOUT2
2⋅COUT⋅ΔVL
(12)
Where ΔVL is the voltage applied to the inductor during the transient (VIN- VOUT for the load appliance or VOUT for
the load removal).
MLCC capacitors typically have low ESR to minimize the ripple but also have low capacitance which doesn’t
minimize the voltage deviation during the load transient. On contrary, electrolytic capacitors usually have higher
capacitance to minimize capacitive voltage deviation during the load transient, but also higher ESR value resulting
in higher ripple voltage and resistive voltage drop. For these reasons, a mix between the electrolytic and MLCC
capacitor is suggested so to minimize the ripple and reduce the voltage deviation in dynamic mode.
10.3
Input capacitors
The input capacitor bank is designed mainly to stand input RMS current, which depends on the output current
(IOUT) and duty cycle (D) for the regulation as follows:
IRMS=IOUT⋅ D⋅ 1−D
(13)
The equation reaches its maximum value, IOUT/2, when D = 0.5 Losses depend on the input capacitor ESR:
P=ESR⋅IRMS2
(14)
A6727B
Output capacitors
DS14159 - Rev 2
page 17/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com