Electronic Components Datasheet Search
  English  ▼

X  

BLUENRG-LPS Datasheet(PDF) 22 Page - STMicroelectronics

Part # BLUENRG-LPS
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LPS Datasheet(HTML) 22 Page - STMicroelectronics

Back Button BLUENRG-LPS Datasheet HTML 18Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 19Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 20Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 21Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 22Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 23Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 24Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 25Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
Note:
The RF_ACTIVITY signal is used to notify if there is an ongoing RF operation ( either TX or RX). It is a logical
OR between the RX_SEQUENCE and TX_SEQUENCE. This signal can be used to enable an antenna switch
component when achieving antenna switching during AoA or AoD operation.
2.26
Direction finding
The BlueNRG-LPS Bluetooth radio controller supports the angle of arrival (AoA) and angle of departure (AoD)
features by managing:
•
the constant tone extension (CTE) inside a packet
•
the antenna switching mechanism for both AoA and AoD.
The antenna switching mechanism provides a 7-bit antenna identifier ANTENNA_ID[6:0] indicating the antenna
number to be used.
In a AoD transmitter or in a AoA receiver, the radio needs to switch antenna during the CTE field of the
packet. For this purpose, the ANTENNA_ID signal can be enabled on some I/Os, by programming them in the
associated alternate function. This signal needs to be provided to an external antenna switching circuit, since
ANTENNA_ID[0] is the least significant bit and ANTENNA _ID[6] the most significant bit of the antenna identifier
to be used.
BlueNRG-LPS
Direction finding
DS13819 - Rev 4
page 22/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com