Electronic Components Datasheet Search
  English  ▼

X  

BLUENRG-LPS Datasheet(PDF) 35 Page - STMicroelectronics

Part # BLUENRG-LPS
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LPS Datasheet(HTML) 35 Page - STMicroelectronics

Back Button BLUENRG-LPS Datasheet HTML 31Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 32Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 33Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 34Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 35Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 36Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 37Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 38Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
Table 13. Main performance SMPS bypassed
Symbol
Parameter
Test conditions
Typ.
VDD = 1.8 V
Typ.
VDD = 3.3 V
Unit
ICORE
Core current
consumption
SHUTDOWN
8
19
nA
DEEPSTOP, no timer,
wake-up GPIO, RAM0
retained
0.6
0.61
µA
DEEPSTOP, no timer,
wake-up GPIO, all
RAM retained
0.63
0.64
DEEPSTOP (32 kHz
LSI), RAM0 retained
1.06
1.12
DEEPSTOP (32 kHz
LSI), all RAMs
retained
1.09
1.15
DEEPSTOP (32 kHz
LSE ), RAM0 retained
0.85
0.96
DEEPSTOP (32 kHz
LSE), all RAM retained
0.88
0.99
CPU in RUN (64
MHz). Dhrystone,
clock source PLL64
-
4450
CPU in WFI (64 MHz),
all peripherals off,
clock source PLL64
-
2313
CPU in WFI (16 MHz),
all peripherals off,
clock source Direct
HSE
-
700
Radio RX at sensitivity
level
-
6700
Radio TX 0 dBm
output power
-
8900
Radio RX at sensitivity
level with CPU in WFI
(32MHz), clock source
Direct HSE
-
9200
Radio TX 0 dBm
output power with
CPU in WFI (32MHz),
clock source Direct
HSE
-
11000
BlueNRG-LPS
Operating conditions
DS13819 - Rev 4
page 35/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com